Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 143 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 139Page - Renesas Technology Corp H8S/2112 Datasheet HTML 140Page - Renesas Technology Corp H8S/2112 Datasheet HTML 141Page - Renesas Technology Corp H8S/2112 Datasheet HTML 142Page - Renesas Technology Corp H8S/2112 Datasheet HTML 143Page - Renesas Technology Corp H8S/2112 Datasheet HTML 144Page - Renesas Technology Corp H8S/2112 Datasheet HTML 145Page - Renesas Technology Corp H8S/2112 Datasheet HTML 146Page - Renesas Technology Corp H8S/2112 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 894 page
background image
Section 6 Interrupt Controller
Rev. 1.00 Mar. 18, 2008 Page 119 of 866
REJ09B0451-0100
6.4
Interrupt Sources
6.4.1
External Interrupt Sources
The interrupt sources of external interrupts are NMI, IRQ15 to IRQ0, KIN15 to KIN0 and WUE15
to WUE0. These interrupts can be used to restore this LSI from software standby mode.
(1)
NMI Interrupt
The nonmaskable external interrupt NMI is the highest-priority interrupt, and is always accepted
regardless of the interrupt control mode or the status of the CPU interrupt mask bits. The NMIEG
bit in SYSCR can be used to select whether an interrupt is requested at a rising edge or falling
edge on the NMI pin.
(2)
IRQ15 to IRQ0 Interrupts:
Interrupts IRQ15 to IRQ0 are requested by an input signal at pins
IRQ15 to IRQ0 or pins
ExIRQ15 to ExIRQ6. Interrupts IRQ15 to IRQ0 have the following features:
• The interrupt exception handling for interrupt requests IRQ15 to IRQ0 can be started at an
independent vector address.
• Using ISCR, it is possible to select whether an interrupt is generated by a low level, falling
edge, rising edge, or both edges, at pins
IRQ15 to IRQ0 or pins ExIRQ15 to ExIRQ6.
• Enabling or disabling of interrupt requests IRQ15 to IRQ0 can be selected with IER.
• The status of interrupt requests IRQ15 to IRQ0 is indicated in ISR. ISR flags can be cleared to
0 by software.
When the interrupts are requested while IRQ15 to IRQ0 interrupt requests are generated at low
level of
IRQn input, hold the corresponding IRQ input at low level until the interrupt handling
starts. Then put the relevant
IRQ input back to high level within the interrupt handling routine and
clear the IRQnF bit (n
= 15 to 0) in ISR to 0. If the relevant IRQ input is put back to high level
before the interrupt handling starts, the relevant interrupt may not be executed.
The detection of IRQ15 to IRQ0 interrupts does not depend on whether the relevant pin has been
set for input or output. Therefore, when a pin is used as an external interrupt input pin, clear the
DDR bit of the corresponding port to 0 so it is not used as an I/O pin for another function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com