Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 144 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 140Page - Renesas Technology Corp H8S/2112 Datasheet HTML 141Page - Renesas Technology Corp H8S/2112 Datasheet HTML 142Page - Renesas Technology Corp H8S/2112 Datasheet HTML 143Page - Renesas Technology Corp H8S/2112 Datasheet HTML 144Page - Renesas Technology Corp H8S/2112 Datasheet HTML 145Page - Renesas Technology Corp H8S/2112 Datasheet HTML 146Page - Renesas Technology Corp H8S/2112 Datasheet HTML 147Page - Renesas Technology Corp H8S/2112 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 894 page
background image
Section 6 Interrupt Controller
Rev. 1.00 Mar. 18, 2008 Page 120 of 866
REJ09B0451-0100
A block diagram of interrupts IRQ15 to IRQ0 is shown in figure 6.4.
IRQnE
IRQnF
S
R
Q
IRQn
ISSm
ExIRQn
IRQn interrupt
request
Clear signal
IRQnSCA, IRQnSCB
n = 15 to 7
m = 15 to 7
Note: Switching between the
IRQ6 and ExIRQ6 pins is controlled by the EIVS bit.
Edge/level
detection circuit
Figure 6.4 Block Diagram of Interrupts IRQ15 to IRQ0
(3)
KIN15 to KIN0 Interrupts
Interrupts KIN15 to KIN0 are requested by the input signals on pins
KIN15 to KIN0. Functions of
interrupts KIN15 to KIN0 change as follows according to the setting of the EIVS bit in system
control register 3 (SYSCR3).
• H8S/2140B Group compatible vector mode (EIVS = 0 in SYSCR3)
 Interrupts KIN15 to KIN8 correspond to interrupt IRQ7, and interrupts KIN7 to KIN0
correspond to interrupt IRQ6. The pin conditions for generating an interrupt request,
whether the interrupt request is enabled, interrupt control level setting, and status of the
interrupt request for the above interrupts are in accordance with the settings and status of
the relevant interrupts IRQ7 and IRQ6.
 KIN15 to KIN0 interrupt requests can be masked by using KMIMRA and KMIMRB.
 If the KIN7 to KIN0 pins are specified to be used as key-sensing interrupt input pins, the
interrupt sensing condition for the corresponding interrupt source (IRQ6 or IRQ7) must be
set to low-level sensing or falling-edge sensing.
 When using the IRQ6 pin as the IRQ6 interrupt input pin, the KMIMR6 bit must be cleared
to 0. When using the
IRQ7 pin as the IRQ7 interrupt input pin, the KMIMR15 to KMIMR8
bits must all be set to 1. If even one of these bits is cleared to 0, the IRQ7 interrupt input
from the
IRQ7 pin is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com