Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 147 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 143Page - Renesas Technology Corp H8S/2112 Datasheet HTML 144Page - Renesas Technology Corp H8S/2112 Datasheet HTML 145Page - Renesas Technology Corp H8S/2112 Datasheet HTML 146Page - Renesas Technology Corp H8S/2112 Datasheet HTML 147Page - Renesas Technology Corp H8S/2112 Datasheet HTML 148Page - Renesas Technology Corp H8S/2112 Datasheet HTML 149Page - Renesas Technology Corp H8S/2112 Datasheet HTML 150Page - Renesas Technology Corp H8S/2112 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 894 page
background image
Section 6 Interrupt Controller
Rev. 1.00 Mar. 18, 2008 Page 123 of 866
REJ09B0451-0100
6.5
Interrupt Exception Handling Vector Tables
Tables 6.5 and 6.6 list interrupt exception handling sources, vector addresses, and interrupt
priorities. H8S/2140B Group compatible vector mode or extended vector mode can be selected for
the vector addresses by the EIVS bit in system control register 3 (SYSCR3).
For default priorities, the lower the vector number, the higher the priority. Modules set at the same
priority will conform to their default priorities. Priorities within a module are fixed.
An interrupt control level can be specified for a module to which an ICR bit is assigned. Interrupt
requests from modules that are set to interrupt control level 1 (priority) by the interrupt control
level and the I and UI bits in CCR are given priority and processed before interrupt requests from
modules that are set to interrupt control level 0 (no priority).
Table 6.5
Interrupt Sources, Vector Addresses, and Interrupt Priorities
(H8S/2140B Group Compatible Vector Mode)
Vector Address
Origin of
Interrupt
Source
Name
Vector
Number
Advanced Mode
ICR
Priority
External pin
NMI
7
H'00001C
—
High
IRQ0
16
H'000040
ICRA7
IRQ1
17
H'000044
ICRA6
IRQ2
IRQ3
18
19
H'000048
H'00004C
ICRA5
IRQ4
IRQ5
20
21
H'000050
H'000054
ICRA4
IRQ6, KIN7 to KIN0
IRQ7, KIN15 to KIN8
22
23
H'000058
H'00005C
ICRA3
—
Reserved for system use
24
H'000060
—
WDT_0
WOVI0 (Interval timer)
25
H'000064
ICRA1
WDT_1
WOVI1 (Interval timer)
26
H'000068
ICRA0
—
Address break
27
H'00006C
—
A/D converter
ADI (A/D conversion end)
28
H'000070
ICRB7
—
Reserved for system use
29
31
H'000074
H'00007C
—
External pin
WUE7 to WUE0
WUE15 to WUE8
32
33
H'000080
H'000084
ICRD4
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com