Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 145 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 141Page - Renesas Technology Corp H8S/2112 Datasheet HTML 142Page - Renesas Technology Corp H8S/2112 Datasheet HTML 143Page - Renesas Technology Corp H8S/2112 Datasheet HTML 144Page - Renesas Technology Corp H8S/2112 Datasheet HTML 145Page - Renesas Technology Corp H8S/2112 Datasheet HTML 146Page - Renesas Technology Corp H8S/2112 Datasheet HTML 147Page - Renesas Technology Corp H8S/2112 Datasheet HTML 148Page - Renesas Technology Corp H8S/2112 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 894 page
background image
Section 6 Interrupt Controller
Rev. 1.00 Mar. 18, 2008 Page 121 of 866
REJ09B0451-0100
• Extended vector mode (EIVS = 1 in SYSCR3)
 Interrupts KIN15 to KIN8 and KIN7 to KIN0, each form a group. The interrupt exception
handling for an interrupt request from the same group is started at the same vector address.
 Interrupt requests are generated on the falling edge of pins KIN15 to KIN0.
 Interrupt requests KIN15 to KIN0 can be masked by using KMIMRA and KMIMRB.
 The status of interrupt requests KIN15 to KIN0 are not indicated.
An IRQ6 interrupt is enabled only by input to the
ExIRQ6 pin. The IRQ6 pin is only
available for a KIN interrupt input, and functions as the
KIN6 pin. The initial value of the
KMIMR6 bit is 1. For the IRQ7 interrupt, either the
IRQ7 pin or ExIRQ7 pin can be
selected as the input pin using the ISS7 bit. The IRQ7 interrupt is not affected by the
settings of bits KMIMR15 to KMIMR8. The detection of interrupts KIN15 to KIN0 does
not depend on whether the relevant pin has been set for input or output. Therefore, when a
pin is used as an external interrupt input pin, clear the DDR bit of the corresponding port to
0 so it is not used as an I/O pin for another function.
(4)
WUE15 to WUE0 Interrupts
Interrupts WUE15 to WUE0 are requested by an input signal at pins
WUE15 to WUE0. Interrupts
WUE15 to WUE0 have the following features:
 WUE15 to WUE8 and WUE7 to WUE0, each form a group. The interrupt exception
handling for an interrupt request from the same group is started at the same vector address
 Selecting either of the falling edge or the rising edge for interrupt request at pins WUE15 to
WUE0 can be made with WUESCR.
 Interrupt requests WUE15 to WUE0 can be masked by using WUEER.
 The status of interrupt requests WUE15 to WUE0 is indicated in WUESR. WUESR flags
can be cleared to 0 by software
The detection of interrupts WUE15 to WUE0 does not depend on whether the relevant pin has
been set for input or output. Therefore, when a pin is used as an external interrupt input pin, clear
the DDR bit of the corresponding port to 0 so it is not used as an I/O pin for another function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com