| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2112 Datasheet(PDF) 182 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2112 Datasheet(HTML) 182 Page - Renesas Technology Corp |
|
182 / 894 page ![]() Section 8 I/O Ports Rev. 1.00 Mar. 18, 2008 Page 158 of 866 REJ09B0451-0100 8.1.2 Data Register (PnDR) (n = 1 to 6, 8, and 9) DR is a register that stores output data of the pins to be used as the general output port. Since the P96DR bit is determined by the state of the P96 pin, the initial value is undefined. The upper five bits in P5DR and the upper one bit in P8DR are reserved. Bit Bit Name Initial Value R/W Description 7 Pn7DR 0 R/W 6 Pn6DR 0 R/W 5 Pn5DR 0 R/W 4 Pn4DR 0 R/W 3 Pn3DR 0 R/W 2 Pn2DR 0 R/W 1 Pn1DR 0 R/W 0 Pn0DR 0 R/W PnDR stores output data for the pins that are used as the general output port. When the PORTS bit in PTCNT2 is 0, reading this register reads out the current settings of these bits for pins corresponding to PnDDR bits set to 1 and reads out the states of pins corresponding to PnDDR bits cleared to 0. When the PORTS bit in PTCNT2 is 1, reading this register reads out the current settings of these bits for pins, regardless of the PnDDR values. 8.1.3 Input Data Register (PnPIN) (n = 1 to 9 and A to J) PIN is an 8-bit read-only register that reflects the port pin state. A write to PIN is invalid. The upper five bits in P5PIN, the upper one bit in P8PIN, the upper three bits in PEPIN, and the upper two bits in PHPIN are reserved. Bits P1PIN to P9PIN are valid only when PORTS in PTCNT2 is 1. Bit Bit Name Initial Value R/W Description 7 Pn7PIN Undefined * R 6 Pn6PIN Undefined * R 5 Pn5PIN Undefined * R 4 Pn4PIN Undefined * R 3 Pn3PIN Undefined * R 2 Pn2PIN Undefined * R 1 Pn1PIN Undefined * R 0 Pn0PIN Undefined * R When this register is read, the pin states are returned. Note: * The initial values of these pins are determined in accordance with the states of pins Pn7 to Pn0. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |