Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 183 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 179Page - Renesas Technology Corp H8S/2112 Datasheet HTML 180Page - Renesas Technology Corp H8S/2112 Datasheet HTML 181Page - Renesas Technology Corp H8S/2112 Datasheet HTML 182Page - Renesas Technology Corp H8S/2112 Datasheet HTML 183Page - Renesas Technology Corp H8S/2112 Datasheet HTML 184Page - Renesas Technology Corp H8S/2112 Datasheet HTML 185Page - Renesas Technology Corp H8S/2112 Datasheet HTML 186Page - Renesas Technology Corp H8S/2112 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 159 of 866
REJ09B0451-0100
8.1.4
Pull-Up MOS Control Register (PnPCR) (n = 1 to 3, 6, 9, B to D, F, and H)
PCR is a register that controls on/off of the port input pull-up MOS.
If a bit in PCR is set to 1 while the pin is in the input state, the input pull-up MOS corresponding
to the bit in PCR is turned on. Table 8.3 shows the input pull-up MOS state. The upper two bits in
P9PCR and the upper two bits in PHPCR are reserved.
PBPCR to PDPCR, PFPCR, and PHPCR are valid only when PORTS in PTCNT2 is 1.
Bit
Bit Name
Initial Value
R/W
Description
7
Pn7PCR
0
R/W
6
Pn6PCR
0
R/W
5
Pn5PCR
0
R/W
4
Pn4PCR
0
R/W
3
Pn3PCR
0
R/W
2
Pn2PCR
0
R/W
1
Pn1PCR
0
R/W
0
Pn0PCR
0
R/W
For pins in the input state corresponding to bits in
this register that have been set to 1, the input pull-
up MOSs are turned on.
• Ports 1 to 3, 6, and 9
Table 8.3
Input Pull-Up MOS State (1)
Port
Pin State
Reset
Software Standby Mode Other
Operation
Port output
Off
Ports 1 to 3, 6,
and 9
Port input
Off
On/Off
[Legend]
Off:
The input pull-up MOS is always off.
On/Off: On when PnDDR = 0 and PnPCR = 1, otherwise off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com