Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 185 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 181Page - Renesas Technology Corp H8S/2112 Datasheet HTML 182Page - Renesas Technology Corp H8S/2112 Datasheet HTML 183Page - Renesas Technology Corp H8S/2112 Datasheet HTML 184Page - Renesas Technology Corp H8S/2112 Datasheet HTML 185Page - Renesas Technology Corp H8S/2112 Datasheet HTML 186Page - Renesas Technology Corp H8S/2112 Datasheet HTML 187Page - Renesas Technology Corp H8S/2112 Datasheet HTML 188Page - Renesas Technology Corp H8S/2112 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 161 of 866
REJ09B0451-0100
8.1.6
Noise Canceller Enable Register (PnNCE) (n
= 4, 6, C, and G)
NCE enables or disables the noise cancel circuit at port n pins in bit units.
Bit
Bit Name
Initial Value
R/W
Description
7
Pn7NCE
0
R/W
6
Pn6NCE
0
R/W
5
Pn5NCE
0
R/W
4
Pn4NCE
0
R/W
3
Pn3NCE
0
R/W
2
Pn2NCE
0
R/W
1
Pn1NCE
0
R/W
0
Pn0NCE
0
R/W
Noise cancel circuit is enabled when a bit in this
register is set to 1, and the pin setting state is
fetched in P4DR, P6DR, or PnPIN in the sampling
cycle set by the PnNCCS.
8.1.7
Noise Canceller Decision Control Register (PnNCMC) (n
= 4, 6, C, and G)
NCMC controls whether 1 or 0 is expected for the input signal to port n pins in bit units.
Bit
Bit Name
Initial Value
R/W
Description
7
Pn7NCMC
0
R/W
6
Pn6NCMC
0
R/W
5
Pn5NCMC
0
R/W
4
Pn4NCMC
0
R/W
3
Pn3NCMC
0
R/W
2
Pn2NCMC
0
R/W
1
Pn1NCMC
0
R/W
0
Pn0NCMC
0
R/W
1 expected: 1 is stored in the port data register
when 1 is input stably.
0 expected: 0 is stored in the port data register
when 0 is input stably.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com