Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 187 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 183Page - Renesas Technology Corp H8S/2112 Datasheet HTML 184Page - Renesas Technology Corp H8S/2112 Datasheet HTML 185Page - Renesas Technology Corp H8S/2112 Datasheet HTML 186Page - Renesas Technology Corp H8S/2112 Datasheet HTML 187Page - Renesas Technology Corp H8S/2112 Datasheet HTML 188Page - Renesas Technology Corp H8S/2112 Datasheet HTML 189Page - Renesas Technology Corp H8S/2112 Datasheet HTML 190Page - Renesas Technology Corp H8S/2112 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 163 of 866
REJ09B0451-0100
P4n input
P6n input
PCn input
PGn input
(n = 7 to 0)
1 expected
P4n input
P6n input
PCn input
PGn input
0 expected
P4n input
P6n input
PCn input
PGn input
Figure 8.2 Schematic View of Noise Cancel Operation
8.1.9
Port Nch-OD Control Register (PnNOCR) (n
= C, D, F, G, and H)
The individual bits of NOCR specify output driver type for the pins of port n that is specified as
output. The upper two bits in PHNOCR are reserved.
Bit
Bit Name
Initial Value
R/W
Description
7
Pn7NOCR
0
R/W
6
Pn6NOCR
0
R/W
5
Pn5NOCR
0
R/W
4
Pn4NOCR
0
R/W
3
Pn3NOCR
0
R/W
2
Pn2NOCR
0
R/W
1
Pn1NOCR
0
R/W
0
Pn0NOCR
0
R/W
Ports C, D, F, and H:
0: CMOS
(P-channel driver is enabled)
1: N channel open-drain
(P-channel driver is disabled)
Port G:
0: NMOS push-pull output
(N-channel driver at Vcc is enabled)
1: N channel open-drain
(N-channel driver at Vcc is disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com