Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 189 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 189 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 185Page - Renesas Technology Corp H8S/2112 Datasheet HTML 186Page - Renesas Technology Corp H8S/2112 Datasheet HTML 187Page - Renesas Technology Corp H8S/2112 Datasheet HTML 188Page - Renesas Technology Corp H8S/2112 Datasheet HTML 189Page - Renesas Technology Corp H8S/2112 Datasheet HTML 190Page - Renesas Technology Corp H8S/2112 Datasheet HTML 191Page - Renesas Technology Corp H8S/2112 Datasheet HTML 192Page - Renesas Technology Corp H8S/2112 Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 165 of 866
REJ09B0451-0100
8.2
Pin Functions
8.2.1
Port 1
(1)
P17/
WUE7, P16/WUE6, P15/WUE5, P14/WUE4, P13/WUE3, P12/WUE2, P11/WUE1,
P10/
WUE0
The pin function is switched as shown below according to the P1nDDR bit setting.
When the WUEMRn bit in WUEMRB of the interrupt controller is cleared to 0, the pin functions
as the
WUEn input pin.
P1nDDR
0
1
P1n input pin
P1n output pin
Pin function
WUEn input pin
(n
= 7 to 0)
8.2.2
Port 2
(1)
P27 to P20
The pin function is switched as shown below according to the P2nDDR bit setting.
P2nDDR
0
1
Pin function
P2n input pin
P2n output pin
(n
= 7 to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com