Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 193 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 189Page - Renesas Technology Corp H8S/2112 Datasheet HTML 190Page - Renesas Technology Corp H8S/2112 Datasheet HTML 191Page - Renesas Technology Corp H8S/2112 Datasheet HTML 192Page - Renesas Technology Corp H8S/2112 Datasheet HTML 193Page - Renesas Technology Corp H8S/2112 Datasheet HTML 194Page - Renesas Technology Corp H8S/2112 Datasheet HTML 195Page - Renesas Technology Corp H8S/2112 Datasheet HTML 196Page - Renesas Technology Corp H8S/2112 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 169 of 866
REJ09B0451-0100
(7)
P41/TMO0/TCMCKI0/TCMMCI0
The pin function is switched as shown below according to the combination of the OS3 to OS0 bits
in TCSR of TMR_0 and the P41DDR bit. When an external clock is selected by the CKS2 to
CKS0 bits in TCMCR of TCM_0, the pin functions as the TCMCKI0 input pin. When the CMMS
bit in TCMIER of TCM_0 is set to 1, the pin functions as the TCMMCI0 input pin.
OS3 to OS0
All 0
Any of them is 1
P41DDR
0
1
P41 input pin
P41 output pin
TMO0 output pin
Pin function
TCMCKI0 input pin/TCMMCI0 input pin
(8)
P40/TMI0/TCMCYI0
The pin function is switched as shown below according to the P40DDR bit. TMRI0 and TMCI0
are multiplexed as the TMI0 input pin. When the CCLR1 and CCLR0 bits in TCR of TMR_0 are
set to 1, the pin functions as the TMI0 (TMRI0) input pin. When an external clock is selected by
the CKS2 to CKS0 bits in TCR of TMR_0, the pin functions as the TMI0 (TMCI0) input pin.
When the TCMIPE bit in TCMIER_0 of TCM_0 is set to 1, the pin functions as the TCMCYI0
input pin.
P40DDR
0
1
P40 input pin
P40 output pin
Pin function
TMI0 input pin/TCMCYI0 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com