Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 201 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 197Page - Renesas Technology Corp H8S/2112 Datasheet HTML 198Page - Renesas Technology Corp H8S/2112 Datasheet HTML 199Page - Renesas Technology Corp H8S/2112 Datasheet HTML 200Page - Renesas Technology Corp H8S/2112 Datasheet HTML 201Page - Renesas Technology Corp H8S/2112 Datasheet HTML 202Page - Renesas Technology Corp H8S/2112 Datasheet HTML 203Page - Renesas Technology Corp H8S/2112 Datasheet HTML 204Page - Renesas Technology Corp H8S/2112 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 177 of 866
REJ09B0451-0100
8.2.11
Port B
(1)
PB7/
RTS
The pin function is switched as shown below according to the combination of the SCIFE bit in
HICR5 of LPC and the PB7DDR bit. SCIFOE in the following table is expressed by the following
logical expression.
SCIFOE = 1: (
SCIFE • SCIFOE1 • SCIFOE0 + SCIFE • SCIFOE0)
SCIFOE
0
1
PB7DDR
0
1
Pin function
PB7 input pin
PB7 output pin
RTS output pin
(2)
PB6/
CTS
The pin function is switched as shown below according to the PB6DDR bit.
PB6DDR
0
1
PB6 input pin
PB6 output pin
Pin function
CTS input pin
(3)
PB5/
DTR
The pin function is switched as shown below according to the combination of the SCIFE bit in
HICR5 of LPC and the PB5DDR bit. SCIFOE in the following table is expressed by the following
logical expression.
SCIFOE = 1: (
SCIFE • SCIFOE1 • SCIFOE0 + SCIFE • SCIFOE0)
SCIFOE
0
1
PB5DDR
0
1
Pin function
PB5 input pin
PB5 output pin
DTR output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com