Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 197 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 193Page - Renesas Technology Corp H8S/2112 Datasheet HTML 194Page - Renesas Technology Corp H8S/2112 Datasheet HTML 195Page - Renesas Technology Corp H8S/2112 Datasheet HTML 196Page - Renesas Technology Corp H8S/2112 Datasheet HTML 197Page - Renesas Technology Corp H8S/2112 Datasheet HTML 198Page - Renesas Technology Corp H8S/2112 Datasheet HTML 199Page - Renesas Technology Corp H8S/2112 Datasheet HTML 200Page - Renesas Technology Corp H8S/2112 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 173 of 866
REJ09B0451-0100
(3)
P84/
IRQ3/TxD1
The pin function is switched as shown below according to the combination of the TE bit in SCR of
SCI_1 and the P84DDR bit. When the ISS3 bit in ISSR is cleared to 0 and the IRQ3E bit in IER of
the interrupt controller is set to 1, this pin functions as the
IRQ3 input pin.
TE
0
1
P84DDR
0
1
P84 input pin
P84 output pin
TxD1 output pin
Pin function
IRQ3 input pin
(4)
P83/
LPCPD
The pin function is switched as shown below according to the combination of the SCIFE bit in
HICR5, the LPC4E bit in HICR4, and the LPC3E to LPC1E bits in HICR0 of LPC, and the
P83DDR bit. LPCENABLE in the following table is expressed by the following logical
expression.
LPCENABLE = 1: SCIFE + LPC4E + LPC3E + LPC2E + LPC1E
LPCENABLE
0
1
P83DDR
0
1
Pin function
P83 input pin
P83 output pin
LPCPD input pin
(5)
P82/
CLKRUN
The pin function is switched as shown below according to the combination of the SCIFE bit in
HICR5, the LPC4E bit in HICR4, and the LPC3E to LPC1E bits in HICR0 of LPC, and the
P82DDR bit. LPCENABLE in the following table is expressed by the following logical
expression.
LPCENABLE = 1: SCIFE + LPC4E + LPC3E + LPC2E + LPC1E
LPCENABLE
0
1
P82DDR
0
1
Pin function
P82 input pin
P82 output pin
CLKRUN I/O pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com