Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 199 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 195Page - Renesas Technology Corp H8S/2112 Datasheet HTML 196Page - Renesas Technology Corp H8S/2112 Datasheet HTML 197Page - Renesas Technology Corp H8S/2112 Datasheet HTML 198Page - Renesas Technology Corp H8S/2112 Datasheet HTML 199Page - Renesas Technology Corp H8S/2112 Datasheet HTML 200Page - Renesas Technology Corp H8S/2112 Datasheet HTML 201Page - Renesas Technology Corp H8S/2112 Datasheet HTML 202Page - Renesas Technology Corp H8S/2112 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 175 of 866
REJ09B0451-0100
8.2.9
Port 9
(1)
P97/
IRQ15/SDA0
The pin function is switched as shown below according to the combination of the ICE bit in ICCR
of IIC_0 and the P97DDR bit. When the ISS15 bit in ISSR16 is cleared to 0 and the IRQ15E bit in
IER16 of the interrupt controller is set to 1, this pin functions as the
IRQ15 input pin.
ICE
0
1
P97DDR
0
1
P97 input pin
P97 output pin
SDA0 I/O pin
Pin function
IRQ15 input pin
Note:
The output format for SDA0 is NMOS output only and direct bus drive is possible. When this
pin is used as the P97 output pin, the output format is NMOS push-pull.
(2)
P96/
φ/EXCL
The pin function is switched as shown below according to the combination of the register settings
of the EXCLS bit in PTCNT0 and the EXCLE bit in LPWRCR, and the P96DDR bit.
P96DDR
0
1
EXCLS
0
1
EXCLE
0
1
Pin function
P96 input pin
EXCL input pin
P96 input pin
φ output pin
(3)
P95/
IRQ14, P94/IRQ13, P93/IRQ12, P92/IRQ0, P91/IRQ1, P90/IRQ2
The pin function is switched as shown below according to the P9nDDR bit. When the ISSm bit in
ISSR (ISSR16) is cleared to 0 and the IRQmE bit in IER (IER16) of the interrupt controller is set
to 1, this pin functions as the
IRQm input pin.
P9nDDR
0
1
P9n input pin
P9n output pin
Pin function
IRQm input pin
(n
= 5 to 0)
(m
= 14 to 12, 2 to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com