Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 200 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 196Page - Renesas Technology Corp H8S/2112 Datasheet HTML 197Page - Renesas Technology Corp H8S/2112 Datasheet HTML 198Page - Renesas Technology Corp H8S/2112 Datasheet HTML 199Page - Renesas Technology Corp H8S/2112 Datasheet HTML 200Page - Renesas Technology Corp H8S/2112 Datasheet HTML 201Page - Renesas Technology Corp H8S/2112 Datasheet HTML 202Page - Renesas Technology Corp H8S/2112 Datasheet HTML 203Page - Renesas Technology Corp H8S/2112 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 176 of 866
REJ09B0451-0100
8.2.10
Port A
(1)
PA7/
KIN15, PA6/KIN14, PA1/KIN9, PA0/KIN8
The pin function is switched according to the PAnDDR bit. When the KMIMRm bit in KMIMRA
of the interrupt controller is cleared to 0, this pin functions as the
KINm input pin.
PAnDDR
0
1
PAn input pin
PAn output pin
Pin function
KINm input pin
(n = 7, 6, 1, 0, m = 15, 14, 9, 8)
Note:
When the IICS bit in STCR is set to 1, the output format for PA7 and PA6 is NMOS open-
drain, and direct bus drive is possible.
(2)
PA5/
KIN13/PS2BD, PA4/KIN12/PCS2BC, PA3/KIN11/PS2AD, PA2/KIN10/PS2AC
The pin function is switched according to the combination of the KBIOE bit in KBCRH of PS2
and the PAnDDR bit. When the KMIMRm bit in KMIMRA of the interrupt controller is cleared to
0, this pin functions as the
KINm input pin.
KBIOE
0
1
PAnDDR
0
1
PAn input pin
PAn output pin
PS2 I/O pin
Pin function
KINm input pin
(n = 5 to 2, m = 13 to 10)
Note:
When the KBIOE bit is set to 1, this pin functions as an NMOS open-drain output, and direct
bus drive is possible.
When the IICS bit in STCR is set to 1, the output format for PA5 and PA4 is NMOS open-
drain, and direct bus drive is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com