Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 336 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 332Page - Renesas Technology Corp H8S/2117R Datasheet HTML 333Page - Renesas Technology Corp H8S/2117R Datasheet HTML 334Page - Renesas Technology Corp H8S/2117R Datasheet HTML 335Page - Renesas Technology Corp H8S/2117R Datasheet HTML 336Page - Renesas Technology Corp H8S/2117R Datasheet HTML 337Page - Renesas Technology Corp H8S/2117R Datasheet HTML 338Page - Renesas Technology Corp H8S/2117R Datasheet HTML 339Page - Renesas Technology Corp H8S/2117R Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 1024 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 Apr. 28, 2008 Page 310 of 994
REJ09B0452-0100
11.3.3
TCM Cycle Lower Limit Register (TCMMINCM)
TCMMINCM is a 16-bit readable/writable register. TCMMINCM is available as a cycle lower
limit register when the TCMMDS bit in TCMCR is set to 1 (operation is in cycle measurement
mode).
In cycle measurement mode, a value that sets a lower limit on the measurement period can be set
in TCMMINCM. When the second edge (selectable with the IEDG bit in TCMCR) of the
measurement period is detected, the value in TCMCNT is transferred to TCMICR. At this time,
the values in TCMICR and TCMMINCM are compared. The MINUDF flag in TCMCSR is set to
1 if the value in TCMICR is smaller than that in TCMMINCM. TCMMLCM should always be
accessed in 16-bit units and cannot be accessed in 8-bit units. TCMMINCM is initialized to
H'0000.
11.3.4
TCM Input Capture Register (TCMICR)
TCMICR is a 16-bit read-only register. In timer mode, the value in TCMCNT is transferred to
TCMICR on the edge selected by the IEDG bit in TCMCR. At the same time, the ICPF flag in
TCMCSR is set to 1. In cycle measurement mode, the value in TCMCNT is transferred to
TCMICR on detection of the second edge of the measurement period. At this time, the ICPF flag
in TCMCSR is set to 1. TCMICR should always be accessed in 16-bit units and cannot be
accessed in 8-bit units. TCMICR is initialized to H'0000.
11.3.5
TCM Input Capture Buffer Register (TCMICRF)
TCMICRF is a 16-bit read only register. TCMICRF can be used as TCMICR buffer register.
When input capture is generated, the value in TCMICR is transferred to TCMICRF.
TCMICR and TCMICRF should always be accessed in 16-bit units and cannot be accessed in 8-
bit units. TCMICRF is initialized to H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com