Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 338 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 338 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 334Page - Renesas Technology Corp H8S/2117R Datasheet HTML 335Page - Renesas Technology Corp H8S/2117R Datasheet HTML 336Page - Renesas Technology Corp H8S/2117R Datasheet HTML 337Page - Renesas Technology Corp H8S/2117R Datasheet HTML 338Page - Renesas Technology Corp H8S/2117R Datasheet HTML 339Page - Renesas Technology Corp H8S/2117R Datasheet HTML 340Page - Renesas Technology Corp H8S/2117R Datasheet HTML 341Page - Renesas Technology Corp H8S/2117R Datasheet HTML 342Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 1024 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 Apr. 28, 2008 Page 312 of 994
REJ09B0452-0100
Bit
Bit Name
Initial
Value
R/W
Description
3
ICPF
0
R/(W)*
Input Capture Generation
Timer mode: The flag indicates that the value in TCMCNT
has been transferred to TCMICR on generation of an input
capture signal. This flag is set when the input capture signal
is generated, i.e. on detection of the edge selected by the
IEDGD bit on the TCMCYI input pin.
Cycle measurement mode: The flag indicates that the value
in TCMCNT has been transferred to TCMICR on detection
of the second edge (rising or falling as determined by the
IEDG bit in TCMCR) during the measurement period.
[Setting condition]
Generation of the input capture signal
[Clearing condition]
Reading ICPF when ICPF = 1 and then writing 0 to ICPF
2
MINUDF
0
R/(W)*
Measurement Period Lower Limit Underflow
This flag indicates that the measured number of cycles of
the waveform for measurement in cycle measurement mode
has reached the lower limit set in TCMMINCM, causing an
underflow.
[Setting condition]
A smaller value for TCMICR than TCMMINCM
[Clearing condition]
Reading MINUDF when MINUDF = 1 and then writing 0 to
MINUDF
1
MCICTL
0
R/W
TCMMCI Input Polarity Inversion
0: TCMMCI input is inverted for use.
1: TCMMCI input is directly used.
Note: Change this bit when CST = 0 and TCMMDS = 0
2 to 0
All 0
R/W
Reserved
The initial value should not be changed.
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com