Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 337 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 333Page - Renesas Technology Corp H8S/2117R Datasheet HTML 334Page - Renesas Technology Corp H8S/2117R Datasheet HTML 335Page - Renesas Technology Corp H8S/2117R Datasheet HTML 336Page - Renesas Technology Corp H8S/2117R Datasheet HTML 337Page - Renesas Technology Corp H8S/2117R Datasheet HTML 338Page - Renesas Technology Corp H8S/2117R Datasheet HTML 339Page - Renesas Technology Corp H8S/2117R Datasheet HTML 340Page - Renesas Technology Corp H8S/2117R Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 1024 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 Apr. 28, 2008 Page 311 of 994
REJ09B0452-0100
11.3.6
TCM Status Register (TCMCSR)
TCMCSR is an 8-bit readable/writable register that controls operation of the interrupt sources.
Bit
Bit Name
Initial
Value
R/W
Description
7
OVF
0
R/(W)*
Timer Overflow
This flag indicates that the TCMCNT has overflowed.
[Setting condition]
Overflow of TCMCNT (change in value from H'FFFF to
H'0000)
[Clearing condition]
Reading OVF when OVF = 1 and then writing 0 to OVF.
6
MAXOVF
0
R/(W)*
Measurement Period Upper Limit Overflow
This flag indicates that the measured number of cycles of
the waveform for measurement in cycle measurement mode
has reached the upper limit set in TCMMLCM, causing an
overflow.
[Setting condition]
A greater value for TCMICR than TCMMLCM
[Clearing condition]
Reading MAXOVF when MAXOVF = 1 and then writing 0 to
MAXOVF
5
CMF
0
R/(W)*
Compare Match Flag (only valid in timer mode)
[Setting condition]
When the values in TCMCNT and TCMMLCM match.
[Clearing condition]
Reading CMF when CMF = 1 and then writing 0 to CMF
Note: CMF is not set in cycle measurement mode, even
when the values in TCMCNT and TCMMLCM match.
4
CKSEG
0
R/W
External Clock Edge Select
When bits CKS2 to CKS0 in TCMCR are set to B'111, this
bit selects the edge for counting of external count clock
edge.
0: Count falling edges of the external clock.
1: Count rising edges of the external clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com