Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 374 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 374 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 370Page - Renesas Technology Corp H8S/2117R Datasheet HTML 371Page - Renesas Technology Corp H8S/2117R Datasheet HTML 372Page - Renesas Technology Corp H8S/2117R Datasheet HTML 373Page - Renesas Technology Corp H8S/2117R Datasheet HTML 374Page - Renesas Technology Corp H8S/2117R Datasheet HTML 375Page - Renesas Technology Corp H8S/2117R Datasheet HTML 376Page - Renesas Technology Corp H8S/2117R Datasheet HTML 377Page - Renesas Technology Corp H8S/2117R Datasheet HTML 378Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 1024 page
background image
Section 12 16-Bit Duty Period Measurement Timer (TDP)
Rev. 1.00 Apr. 28, 2008 Page 348 of 994
REJ09B0452-0100
(3)
Determination of External Event (TDPCYI) Stoppage
Stoppage for an external event (TDPCYI) can be determined from the timer overflow flag. There
are two types of such stoppage.
Stoppage for an external event can be considered to have occurred when the timer overflows
within the period from the start of cycle measurement mode to the detection of the first edge
(rising or falling, as selected by the POCTL bit in TDPCR1).
Figure 12.10 shows an example of the timing of this type of stoppage for an external event.
φ
TDPCYI
Start of measurement
TDPMDS
TWDMXOVF/TWDMNUDF/
TPDMXOVF/TPDMNUDF
TDPCNT
H'0000
H'FFFF
H'0000
N
H'0000
H'0001
H'0002
OVF
Stoppage for an external event can be determined.
Figure 12.10 Example of Timing for Stoppage for an External Event (1)
When any of the TWDMXOVF, TWDMNUDF, TPDMXOVF, and TPDMNUDF flags is set to 1
while the CPSPE bit in TDPCR1 is 1, cycle measurement stops. Thereafter, when the
corresponding flag is cleared, cycle measurement restarts. When the timer overflows before the
first edge is detected after the restart of cycle measurement, it is possible to determine stoppage for
an external event.
Figure 12.11 shows an example of the timing for this type of stoppage for an external event.
φ
TDPCYI
Start of measurement
CPSPE
TWDMXOVF/TWDMNUDF/
TPDMXOVF/TPDMNUDF
TDPCNT
H'5555
H'0000
H'FFFF
H'0000
N
H'0000
H'0001
OVF
Restart of measurement
Stoppage for an external event can be determined
Figure 12.11 Example of Timing for Stoppage for an External Event (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com