Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 446 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 446 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 442Page - Renesas Technology Corp H8S/2117R Datasheet HTML 443Page - Renesas Technology Corp H8S/2117R Datasheet HTML 444Page - Renesas Technology Corp H8S/2117R Datasheet HTML 445Page - Renesas Technology Corp H8S/2117R Datasheet HTML 446Page - Renesas Technology Corp H8S/2117R Datasheet HTML 447Page - Renesas Technology Corp H8S/2117R Datasheet HTML 448Page - Renesas Technology Corp H8S/2117R Datasheet HTML 449Page - Renesas Technology Corp H8S/2117R Datasheet HTML 450Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 1024 page
background image
Section 15 Serial Communication Interface (SCI)
Rev. 1.00 Apr. 28, 2008 Page 420 of 994
REJ09B0452-0100
Table 15.4
Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (1)
Operating Frequency
φ (MHz)
8
9.8304
10
12
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
2
141
0.03
2
174
–0.26
2
177
–0.25
2
212
0.03
150
2
103
0.16
2
127
0.00
2
129
0.16
2
155
0.16
300
1
207
0.16
1
255
0.00
2
64
0.16
2
77
0.16
600
1
103
0.16
1
127
0.00
1
129
0.16
1
155
0.16
1200
0
207
0.16
0
255
0.00
1
64
0.16
1
77
0.16
2400
0
103
0.16
0
127
0.00
0
129
0.16
0
155
0.16
4800
0
51
0.16
0
63
0.00
0
64
0.16
0
77
0.16
9600
0
25
0.16
0
31
0.00
0
32
–1.36
0
38
0.16
19200
0
12
0.16
0
15
0.00
0
15
1.73
0
19
–2.34
31250
0
7
0.00
0
9
–1.70
0
9
0.00
0
11
0.00
38400
0
7
0.00
0
7
1.73
0
9
–2.34
Operating Frequency
φ (MHz)
12.288
14
14.7456
16
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
2
217
0.08
2
248
–0.17
3
64
0.70
3
70
0.03
150
2
159
0.00
2
181
0.16
2
191
0.00
2
207
0.16
300
2
79
0.00
2
90
0.16
2
95
0.00
2
103
0.16
600
1
159
0.00
1
181
0.16
1
191
0.00
1
207
0.16
1200
1
79
0.00
1
90
0.16
1
95
0.00
1
103
0.16
2400
0
159
0.00
0
181
0.16
0
191
0.00
0
207
0.16
4800
0
79
0.00
0
90
0.16
0
95
0.00
0
103
0.16
9600
0
39
0.00
0
45
–0.93
0
47
0.00
0
51
0.16
19200
0
19
0.00
0
22
–0.93
0
23
0.00
0
25
0.16
31250
0
11
2.40
0
13
0.00
0
14
–1.70
0
15
0.00
38400
0
9
0.00
0
11
0.00
0
12
0.16
[Legend]
:
Can be set, but there will be a degree of error.
Note:
*
Make the settings so that the error does not exceed 1%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com