Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 447 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 447 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 443Page - Renesas Technology Corp H8S/2117R Datasheet HTML 444Page - Renesas Technology Corp H8S/2117R Datasheet HTML 445Page - Renesas Technology Corp H8S/2117R Datasheet HTML 446Page - Renesas Technology Corp H8S/2117R Datasheet HTML 447Page - Renesas Technology Corp H8S/2117R Datasheet HTML 448Page - Renesas Technology Corp H8S/2117R Datasheet HTML 449Page - Renesas Technology Corp H8S/2117R Datasheet HTML 450Page - Renesas Technology Corp H8S/2117R Datasheet HTML 451Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 1024 page
background image
Section 15 Serial Communication Interface (SCI)
Rev. 1.00 Apr. 28, 2008 Page 421 of 994
REJ09B0452-0100
Table 15.4
Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (2)
Operating Frequency
φ (MHz)
17.2032
18
19.6608
20
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
3
75
0.48
3
79
–0.12
3
86
0.31
3
88
–0.25
150
2
223
0.00
2
233
0.16
2
255
0.00
3
64
0.16
300
2
111
0.00
2
116
0.16
2
127
0.00
2
129
0.16
600
1
223
0.00
1
233
0.16
1
255
0.00
2
64
0.16
1200
1
111
0.00
1
116
0.16
1
127
0.00
1
129
0.16
2400
0
223
0.00
0
233
0.16
0
255
0.00
1
64
0.16
4800
0
111
0.00
0
116
0.16
0
127
0.00
0
129
0.16
9600
0
55
0.00
0
58
–0.69
0
63
0.00
0
64
0.16
19200
0
27
0.00
0
28
1.02
0
31
0.00
0
32
–1.36
31250
0
16
1.20
0
17
0.00
0
19
–1.70
0
19
0.00
38400
0
16
0.00
0
14
–2.34
0
15
0.00
0
15
1.73
[Legend]
:
Can be set, but there will be a degree of error.
Note:
*
Make the settings so that the error does not exceed 1%.
Table 15.5
Maximum Bit Rate for Each Frequency (Asynchronous Mode)
φ (MHz)
Maximum
Bit Rate
(bit/s)
n
N
φ (MHz)
Maximum Bit
Rate (bit/s)
n
N
8
250000
0
0
14.7456
460800
0
0
9.8304
307200
0
0
16
500000
0
0
10
312500
0
0
17.2032
537600
0
0
12
375000
0
0
18
562500
0
0
12.288
384000
0
0
19.6608
614400
0
0
14
437500
0
0
20
625000
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com