Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 449 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 449 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 445Page - Renesas Technology Corp H8S/2117R Datasheet HTML 446Page - Renesas Technology Corp H8S/2117R Datasheet HTML 447Page - Renesas Technology Corp H8S/2117R Datasheet HTML 448Page - Renesas Technology Corp H8S/2117R Datasheet HTML 449Page - Renesas Technology Corp H8S/2117R Datasheet HTML 450Page - Renesas Technology Corp H8S/2117R Datasheet HTML 451Page - Renesas Technology Corp H8S/2117R Datasheet HTML 452Page - Renesas Technology Corp H8S/2117R Datasheet HTML 453Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 1024 page
background image
Section 15 Serial Communication Interface (SCI)
Rev. 1.00 Apr. 28, 2008 Page 423 of 994
REJ09B0452-0100
Table 15.8
Maximum Bit Rate with External Clock Input (Clocked Synchronous Mode)
φ (MHz)
External Input
Clock (MHz)
Maximum Bit
Rate (bit/s)
φ (MHz)
External Input
Clock (MHz)
Maximum Bit
Rate (bit/s)
8
1.3333
1333333.3
16
2.6667
2666666.7
10
1.6667
1666666.7
18
3.0000
3000000.0
12
2.0000
2000000.0
20
3.3333
3333333.3
14
2.3333
2333333.3
Table 15.9
BRR Settings for Various Bit Rates (Smart Card Interface Mode, n = 0, s = 372)
Operating Frequency
φ (MHz)
10.00
13.00
14.2848
16.00
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error (%) n
N
Error
(%)
9600
0
1
30
0
1
-8.99
0
1
0.00
0
1
12.01
Operating Frequency
φ (MHz)
18.00
20.00
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
9600
0
2
-15.99
0
2
-6.65
Table 15.10 Maximum Bit Rate for Each Frequency (Smart Card Interface Mode, S = 372)
φ (MHz)
Maximum Bit
Rate
(bit/s)
n
N
φ (MHz)
Maximum Bit
Rate
(bit/s)
n
N
10.00
13441
0
0
16.00
21505
0
0
13.00
17473
0
0
18.00
24194
0
0
14.2848
19200
0
0
20.00
26882
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com