Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 504 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 504 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 500Page - Renesas Technology Corp H8S/2117R Datasheet HTML 501Page - Renesas Technology Corp H8S/2117R Datasheet HTML 502Page - Renesas Technology Corp H8S/2117R Datasheet HTML 503Page - Renesas Technology Corp H8S/2117R Datasheet HTML 504Page - Renesas Technology Corp H8S/2117R Datasheet HTML 505Page - Renesas Technology Corp H8S/2117R Datasheet HTML 506Page - Renesas Technology Corp H8S/2117R Datasheet HTML 507Page - Renesas Technology Corp H8S/2117R Datasheet HTML 508Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 504 / 1024 page
background image
Section 16 CIR Interface
Rev. 1.00 Apr. 28, 2008 Page 478 of 994
REJ09B0452-0100
16.3.6
Receive Data Register 0 to 17 (CIRRDR0 to CIRRDR17)
CIRRDR0 to CIRRDR17 are an 18-byte register that stores receive data, totaling to 18 bytes.
CIRRDR0 to CIRRDR17 share one byte of the register address. A receive data in CIRRDR should
be read after the CIR has finished data reception (CIRBUSY = 0). If CIRRDR is read during the
CIR reception (CIRBUSY = 1), an undefined value is read.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
CIRRDR7 to
CIRRDR0
H'00
R
Stores the CIR receive data.
16.3.7
Header Minimum/Maximum High-Level Period Register (HHMIN and HHMAX)
HHMIN and HHMAX control the noise canceler circuit, and specify the minimum and maximum
high-level period for a header or repeat header, and low-level period for a stop.
• HHMIN
Bit
Bit Name
Initial
Value
R/W
Description
15 to 11 RFMBN4 to
RFMBN0
All 0
R
Receive Byte Counter
The RFMBN value is incremented by 1 (+1) each
time a byte is received. However, when RFMBN
reaches B'10011, an overrun error occurs. At this
time, a receive data is not stored in CIRRDR.
When CIRRDR is read after the CIR has finished
receiving (CIRBUSY = 0), RFMBN is decremented
by 1 (
−1). When CIRRDR is read while RFMBN =
B'00000, an undefined value is read. When CIRRDR
is read during the CIR reception, an undefined value
is read and RFMBN is not decremented.
10
0
R/W
Reserved
The initial value should not be changed.
9 to 0
HHMIN9 to
HHMIN0
All 0
R/W
Specifies the minimum high-level period for a header
or repeat header and the minimum low-level period
for a stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com