Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 505 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 505 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 501Page - Renesas Technology Corp H8S/2117R Datasheet HTML 502Page - Renesas Technology Corp H8S/2117R Datasheet HTML 503Page - Renesas Technology Corp H8S/2117R Datasheet HTML 504Page - Renesas Technology Corp H8S/2117R Datasheet HTML 505Page - Renesas Technology Corp H8S/2117R Datasheet HTML 506Page - Renesas Technology Corp H8S/2117R Datasheet HTML 507Page - Renesas Technology Corp H8S/2117R Datasheet HTML 508Page - Renesas Technology Corp H8S/2117R Datasheet HTML 509Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 505 / 1024 page
background image
Section 16 CIR Interface
Rev. 1.00 Apr. 28, 2008 Page 479 of 994
REJ09B0452-0100
• HHMAX
Bit
Bit Name
Initial
Value
R/W
Description
15
14
FLT1
FLT0
0
0
R/W
R/W
Number of Stages of Noise Canceler Circuit Select
00: The noise canceler circuit consists of one stage
01: The noise canceler circuit consists of two stages
10: The noise canceler circuit consists of three
stages
11: The noise canceler circuit consists of four stages
13
FLTE
0
R/W
Noise Canceler Circuit Enable
0: Disables the noise canceler circuit
1: Enables the noise canceler circuit
12
11
FLTCK1
FLTCK0
0
0
R/W
R/W
Division Ratio Select for Noise Canceler Circuit
Clock
Divides the frequency of the sampling clock for CIR
reception selected by BRR.
00: Not divided
01: Divided by 2
10: Divided by 4
11: Divided by 8
10
0
R/W
Reserved
The initial value should not be changed.
9 to 0
HHMAX9 to
HHMAX0
All 0
R/W
Specifies the maximum high-level period for a
header or repeat header and the maximum low-level
period for a stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com