Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 508 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 508 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 504Page - Renesas Technology Corp H8S/2117R Datasheet HTML 505Page - Renesas Technology Corp H8S/2117R Datasheet HTML 506Page - Renesas Technology Corp H8S/2117R Datasheet HTML 507Page - Renesas Technology Corp H8S/2117R Datasheet HTML 508Page - Renesas Technology Corp H8S/2117R Datasheet HTML 509Page - Renesas Technology Corp H8S/2117R Datasheet HTML 510Page - Renesas Technology Corp H8S/2117R Datasheet HTML 511Page - Renesas Technology Corp H8S/2117R Datasheet HTML 512Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 508 / 1024 page
background image
Section 16 CIR Interface
Rev. 1.00 Apr. 28, 2008 Page 482 of 994
REJ09B0452-0100
16.4
Operation
The communication protocol of the NEC format is shown in figure 16.2. In the NEC format, data
consists of a header part, an address part, a command part, and a stop part. The TFM bits in CCR2
can select which data bytes to be stored in CIRRDR: four bytes of the address,
address, command,
and
command, or two bytes of the address and command. The carrier frequency is 38kHz.
Header
Address
Address
Command
Command
Stop
CIRI
Figure 16.2 NEC Format
(1) Header, Address, and Command
When a 9-ms high level and the following 4.5-ms low level are detected, they are recognized as a
header. For addresses and commands, when both of a high-level period and the following low-
level period are 0.56 ms, they are recognized as logic 0. When a high-level period is 0.56 ms and
the following low-level period is 1.78 ms, they are recognized as logic 1.
Header
Logic 1
Logic 0
A = 9.0 ms
B = 4.5 ms
C = 0.56 ms
CC
CIRI
D = 1.78 ms
A: High-level period for a header
B: Low-level period for a header
C: High-level period for logic 0/1 and low-level period for logic 0
D: Low-level period for logic 1
[Legend]
Figure 16.3 Header, Address, and Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com