Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 515 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 515 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 511Page - Renesas Technology Corp H8S/2117R Datasheet HTML 512Page - Renesas Technology Corp H8S/2117R Datasheet HTML 513Page - Renesas Technology Corp H8S/2117R Datasheet HTML 514Page - Renesas Technology Corp H8S/2117R Datasheet HTML 515Page - Renesas Technology Corp H8S/2117R Datasheet HTML 516Page - Renesas Technology Corp H8S/2117R Datasheet HTML 517Page - Renesas Technology Corp H8S/2117R Datasheet HTML 518Page - Renesas Technology Corp H8S/2117R Datasheet HTML 519Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 515 / 1024 page
background image
Section 16 CIR Interface
Rev. 1.00 Apr. 28, 2008 Page 489 of 994
REJ09B0452-0100
Table 16.5 shows sample settings for the noise canceler circuit.
Table 16.5
Sample Settings for Noise Canceler Circuit
φ
CLK1 and
CLK0
Setting
BRR
Setting
FLTCK1 and
FLTCK0
Setting
CIR
Sampling
Clock
Number of Stages
of Noise Canceler
Circuit
Width of
Noise
Cancellation
10 MHz
φ
H'80
Not divided
12.9
µs
0
12.9
µs
1
25.8
µs
2
38.7
µs
3
51.6
µs
4
64.5
µs
Divided by 2
25.8
µs
0
25.8
µs
2
77.4
µs
4
129
µs
Divided by 4
51.6
µs
0
51.6
µs
2
154.8
µs
4
258
µs
Divided by 8
103.2
µs
0
103.2
µs
2
309.6
µs
4
516
µs
φsub
H'00
Not divided
31.3
µs
0
31.3
µs
1
62.5
µs
2
93.8
µs
3
125
µs
4
156
µs
Divided by 2
62.5
µs
0
62.5
µs
2
187.5
µs
4
312.5
µs
Divided by 4
125
µs
0
125
µs
2
375
µs
4
625
µs
Divided by 8
250
µs
0
250
µs
2
750
µs
4
1.25 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com