Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 511 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 511 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 507Page - Renesas Technology Corp H8S/2117R Datasheet HTML 508Page - Renesas Technology Corp H8S/2117R Datasheet HTML 509Page - Renesas Technology Corp H8S/2117R Datasheet HTML 510Page - Renesas Technology Corp H8S/2117R Datasheet HTML 511Page - Renesas Technology Corp H8S/2117R Datasheet HTML 512Page - Renesas Technology Corp H8S/2117R Datasheet HTML 513Page - Renesas Technology Corp H8S/2117R Datasheet HTML 514Page - Renesas Technology Corp H8S/2117R Datasheet HTML 515Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 511 / 1024 page
background image
Section 16 CIR Interface
Rev. 1.00 Apr. 28, 2008 Page 485 of 994
REJ09B0452-0100
Table 16.4
An Example of Signal Type Determination Register Setting
Description
Register
Name
Symbol
Setting
Value
Setting
Time
Prescribed
Time
(Error: 30%) Notes
Minimum high-level period
for a header or repeat
header and minimum low-
level period for a stop
HHMIN
A
H'079
6.34 ms
6.3 ms
HHMIN9 to
HHMIN0
Maximum high-level period
for a header or repeat
header and maximum low-
level period for a stop
HHMAX
A
H'0DF
11.7 ms
11.7 ms
HHMAX9 to
HHMAX0
Minimum low-level period
for a header
HLMIN
B
H'3D
3.20 ms
3.15 ms
Maximum low-level period
for a header
HLMAX
B
H'6F
5.82 ms
5.85 ms
Minimum value of low/high-
level period for logic 0, high-
level period for logic 1, and
high-level period for a burst
DT0MIN
C
H'07
0.37 ms
0.39 ms
Maximum value of low/high-
level period for logic 0, high-
level period for logic 1, and
high-level period for a burst
DT0MAX C
H'0D
0.68 ms
0.73 ms
Minimum low-level period
for logic 1
DT1MIN
D
H'0F
0.78 ms
0.78 ms
Maximum low-level period
for logic 1
DT1MAX D
H'1B
1.42 ms
1.46 ms
Minimum low-level period
for a repeat header
RMIN
E
H'1F
1.62 ms
1.58 ms
Maximum low-level period
for a repeat header
RMAX
E
H'37
2.88 ms
2.92 ms
Note:
The above table shows the values when the system clock is 10MHz, CLK1, CLK0 = B'10,
and BRR = H'82 (when the error is 30%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com