Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 513 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 513 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 509Page - Renesas Technology Corp H8S/2117R Datasheet HTML 510Page - Renesas Technology Corp H8S/2117R Datasheet HTML 511Page - Renesas Technology Corp H8S/2117R Datasheet HTML 512Page - Renesas Technology Corp H8S/2117R Datasheet HTML 513Page - Renesas Technology Corp H8S/2117R Datasheet HTML 514Page - Renesas Technology Corp H8S/2117R Datasheet HTML 515Page - Renesas Technology Corp H8S/2117R Datasheet HTML 516Page - Renesas Technology Corp H8S/2117R Datasheet HTML 517Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 513 / 1024 page
background image
Section 16 CIR Interface
Rev. 1.00 Apr. 28, 2008 Page 487 of 994
REJ09B0452-0100
In case of reading more bytes than the number that has been received, (number of received bytes
+
1) of data are always read out from the FIFO.
Reception of more than 18 bytes by the FIFO structure for this CIR module leads to an overrun.
When an overrun occurs, only values up to the 18th byte to have been received are read out in
response to the reading of more than 18 bytes.
16.4.3
Operation in Watch Mode
Initiate the transition to watch mode after making the below settings for the mode transition.
• Select the subclock (φsub) as the operating clock for the CIR module.
• Enable the CIR header-detected interrupt.
For a transition from watch mode to high-speed mode, the CIR module generates an interrupt on
detection of a received header, in accord with the settings before the transition.
The module is released from watch mode when the interrupt is generated, and makes the transition
to the high- or medium-speed mode.
16.4.4
Switching between System Clock and Sub Clock
If the operating clock is switched from the system clock to the subclock (
φsub) while the CIR
module is operating, operation may not proceed correctly. To switch the operating clock, be sure
to stop the CIR module (by clearing the CIRE bit) beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com