Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 101 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 97Page - Renesas Technology Corp H8S/2117R Datasheet HTML 98Page - Renesas Technology Corp H8S/2117R Datasheet HTML 99Page - Renesas Technology Corp H8S/2117R Datasheet HTML 100Page - Renesas Technology Corp H8S/2117R Datasheet HTML 101Page - Renesas Technology Corp H8S/2117R Datasheet HTML 102Page - Renesas Technology Corp H8S/2117R Datasheet HTML 103Page - Renesas Technology Corp H8S/2117R Datasheet HTML 104Page - Renesas Technology Corp H8S/2117R Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 1024 page
background image
Section 4 Exception Handling
Rev. 1.00 Apr. 28, 2008 Page 75 of 994
REJ09B0452-0100
Section 4 Exception Handling
4.1
Exception Handling Types and Priority
As table 4.1 indicates, exception handling may be caused by a reset, illegal instruction, interrupt,
direct transition, or trap instruction. Exception handling is prioritized as shown in table 4.1. If two
or more exceptions occur simultaneously, they are accepted and processed in order of priority.
Table 4.1
Exception Types and Priority
Priority
Exception Type
Start of Exception Handling
Reset
Starts immediately after a low-to-high transition of the
RES
pin, or when the watchdog timer overflows.
Illegal instruction
Exception handling starts when an undefined code is
executed.
Interrupt
Starts when execution of the current instruction or exception
handling ends, if an interrupt request has been issued.
Interrupt detection is not performed on completion of ANDC,
ORC, XORC, or LDC instruction execution, or on
completion of reset exception handling.
High
Direct transition
Starts when a direct transition occurs as the result of
SLEEP instruction execution.
Low
Trap instruction
Started by execution of a trap (TRAPA) instruction. Trap
instruction exception handling requests are accepted at all
times in the program execution state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com