| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2117R Datasheet(PDF) 102 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2117R Datasheet(HTML) 102 Page - Renesas Technology Corp |
|
102 / 1024 page ![]() Section 4 Exception Handling Rev. 1.00 Apr. 28, 2008 Page 76 of 994 REJ09B0452-0100 4.2 Exception Sources and Exception Vector Table Different vector addresses are assigned to exception sources. Table 4.2 and table 4.3 list the exception sources and their vector addresses. The EIVS bit in the system control register 3 (SYSCR3) allows the selection of the H8S/2140B Group compatible vector mode or extended vector mode. Table 4.2 Exception Handling Vector Table (H8S/2140B Group Compatible Vector Mode) Vector Addresses Exception Source Vector Number Advanced Mode Reset 0 H'000000 to H'000003 Reserved for system use 1 3 H'000004 to H'000007 | H'00000C to H'00000F Illegal instruction 4 H'000010 to H'000013 Reserved for system use 5 H'000014 to H'000017 Direct transition 6 H'000018 to H'00001B External interrupt (NMI) 7 H'00001C to H'00001F Trap instruction (four sources) 8 9 10 11 H'000020 to H'000023 H'000024 to H'000027 H'000028 to H'00002B H'00002C to H'00002F Reserved for system use 12 15 H'000030 to H'000033 | H'00003C to H'00003F External interrupt IRQ0 IRQ1 IRQ2 IRQ3 IRQ4 IRQ5 IRQ6, KIN7 to KIN0 IRQ7, KIN15 to KIN8 16 17 18 19 20 21 22 23 H'000040 to H'000043 H'000044 to H'000047 H'000048 to H'00004B H'00004C to H'00004F H'000050 to H'000053 H'000054 to H'000057 H'000058 to H'00005B H'00005C to H'00005F |