Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 105 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 101Page - Renesas Technology Corp H8S/2117R Datasheet HTML 102Page - Renesas Technology Corp H8S/2117R Datasheet HTML 103Page - Renesas Technology Corp H8S/2117R Datasheet HTML 104Page - Renesas Technology Corp H8S/2117R Datasheet HTML 105Page - Renesas Technology Corp H8S/2117R Datasheet HTML 106Page - Renesas Technology Corp H8S/2117R Datasheet HTML 107Page - Renesas Technology Corp H8S/2117R Datasheet HTML 108Page - Renesas Technology Corp H8S/2117R Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 1024 page
background image
Section 4 Exception Handling
Rev. 1.00 Apr. 28, 2008 Page 79 of 994
REJ09B0452-0100
Vector Addresses
Exception Source
Vector
Number
Normal Mode
Internal interrupt*
34
55
H'000088 to H'00008B
H'0000DC to H'0000DF
External interrupt IRQ8
IRQ9
IRQ10
IRQ11
IRQ12
IRQ13
IRQ14
IRQ15
56
57
58
59
60
61
62
63
H'0000E0 to H'0000E3
H'0000E4 to H'0000E7
H'0000E8 to H'0000EB
H'0000EC to H'0000EF
H'0000F0 to H'0000F3
H'0000F4 to H'0000F7
H'0000F8 to H'0000FB
H'0000FC to H'0000FF
Internal interrupt*
64
127
H'000100 to H'000103
H'0001FC to H'0001FF
Note: *
For details on the internal interrupt vector table, see section 5.5, Interrupt Exception
Handling Vector Tables.
4.3
Reset
A reset has the highest exception priority. When the
RES pin goes low, all processing halts and
this LSI enters the reset state. To ensure that this LSI is reset, hold the
RES pin low for at least 20
ms at power-on. To reset the chip during operation, hold the
RES pin low for at least 20 states. A
reset initializes the internal state of the CPU and the registers of on-chip peripheral modules. The
chip can also be reset by overflow of the watchdog timer. For details, see section 14, Watchdog
Timer (WDT).
4.3.1
Reset Exception Handling
When the
RES pin goes high after being held low for the necessary time, this LSI starts reset
exception handling as follows:
1. The internal state of the CPU and the registers of the on-chip peripheral modules are initialized
and the I bit in CCR is set to 1.
2. The reset exception handling vector address is read and transferred to the PC, and then
program execution starts from the address indicated by the PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com