Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 128 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 124Page - Renesas Technology Corp H8S/2117R Datasheet HTML 125Page - Renesas Technology Corp H8S/2117R Datasheet HTML 126Page - Renesas Technology Corp H8S/2117R Datasheet HTML 127Page - Renesas Technology Corp H8S/2117R Datasheet HTML 128Page - Renesas Technology Corp H8S/2117R Datasheet HTML 129Page - Renesas Technology Corp H8S/2117R Datasheet HTML 130Page - Renesas Technology Corp H8S/2117R Datasheet HTML 131Page - Renesas Technology Corp H8S/2117R Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 1024 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Apr. 28, 2008 Page 102 of 994
REJ09B0452-0100
In H8S/2140B Group compatible vector mode, interrupt input from the
IRQ7 pin is ignored when
even one of the KMIMR15 to KMIMR8 bits is cleared to 0. If the
KIN7 to KIN0 pins or KIN15 to
KIN8 pins are specified to be used as key-sensing interrupt input pins and wake-up event interrupt
input pins, the interrupt sensing condition for the corresponding interrupt source (IRQ6 or IRQ7)
must be set to low-level sensing or falling-edge sensing. Note that interrupt input cannot be made
from the
ExIRQ6 pin.
KIN interrupt
(KIN7 to KIN0)
KIN internal
signal
Falling-edge
detection circuit
ISS7
IRQ6 interrupt
Edge-level selection
enable/disable
circuit
IRQ7 interrupt
Edge-level selection
enable/disable
circuit
KINA interrupt
(KIN15 to KIN8)
KINA internal
signal
KMIMR0 (Initial value of 1)
KMIMR5 (Initial value of 1)
KMIMR6 (Initial value of 1)
KMIMR7 (Initial value of 1)
P60/
KIN0
P65/
KIN5
P66/
KIN6/IRQ6
P67/
KIN7/IRQ7
KMIMR8 (Initial value of 1)
PA0/
KIN8
KMIMR15 (Initial value of 1)
PA7/
KIN15
PH0/
ExIRQ6
PH1/
ExIRQ7
Falling-edge
detection circuit
Note: The ISS7 bit is an external interrupt pin switch bit. For details, see section 5.3.8,
IRQ Sense Port Select Register 16 (ISSR16) IRQ Sense Port Select Register (ISSR).
Figure 5.3 Relation between IRQ7 and IRQ6 Interrupts, KIN15 to KIN0 Interrupts,
KMIMR, and KMIMRA
(Extended Vector Mode: EIVS = 1)
In extended vector mode, the initial value of the KMIMR6 bit is 1. Accordingly, it does not enable
of disable the
IRQ6 pin interrupt. The interrupt input from the ExIRQ6 pin becomes the IRQ6
interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com