Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 180 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 176Page - Renesas Technology Corp H8S/2117R Datasheet HTML 177Page - Renesas Technology Corp H8S/2117R Datasheet HTML 178Page - Renesas Technology Corp H8S/2117R Datasheet HTML 179Page - Renesas Technology Corp H8S/2117R Datasheet HTML 180Page - Renesas Technology Corp H8S/2117R Datasheet HTML 181Page - Renesas Technology Corp H8S/2117R Datasheet HTML 182Page - Renesas Technology Corp H8S/2117R Datasheet HTML 183Page - Renesas Technology Corp H8S/2117R Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 154 of 994
REJ09B0452-0100
7.2
Output Buffer Control
This section describes the output priority of each pin.
The name of each peripheral module pin is followed by “_OE”. This (for example: TIOCA4_OE)
indicates whether the output of the corresponding function is valid (1) or if another setting is
specified (0). Table 7.4 lists each port output signal's valid setting. For details on the
corresponding output signals, see the register description of each peripheral module.
7.2.1
Port 1
(1)
P17 to P10
The pin function is switched as shown below according to the P1nDDR bit setting.
Setting
I/O Port
Module Name
Pin Function
P1nDDR
P1n output
1
I/O port
P1n input
(initial setting)
0
(n
= 7 to 0)
7.2.2
Port 2
(1)
P27 to P20
The pin function is switched as shown below according to the P2nDDR bit setting.
Setting
I/O Port
Module Name
Pin Function
P2nDDR
P2n output
1
I/O port
P2n input
(initial setting)
0
(n
= 7 to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com