Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 184 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 180Page - Renesas Technology Corp H8S/2117R Datasheet HTML 181Page - Renesas Technology Corp H8S/2117R Datasheet HTML 182Page - Renesas Technology Corp H8S/2117R Datasheet HTML 183Page - Renesas Technology Corp H8S/2117R Datasheet HTML 184Page - Renesas Technology Corp H8S/2117R Datasheet HTML 185Page - Renesas Technology Corp H8S/2117R Datasheet HTML 186Page - Renesas Technology Corp H8S/2117R Datasheet HTML 187Page - Renesas Technology Corp H8S/2117R Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 158 of 994
REJ09B0452-0100
(6)
P42/SDA1/TCMCYI1
The pin function is switched as shown below according to the combination of the IIC1AS and
IIC1BS bits in PTCNT1, ICE bit in ICCR of IIC_1, and the P42DDR bit. When the TCMIPE bit
in TCMIER_1 of TCM_1 is set to 1, TCMCYI1 functions as an input pin.
Setting
IIC_1
I/O Port
Module
Name
Pin Function
SDA1_OE
P42DDR
IIC
SDA1 output
1
P42 output
0
1
I/O port
P42 input
(initial setting)
0
0
Note:
To use this pin as SDA1, clear the IIC1AS and IIC1BS bits in PTCNT1 to 0. The output
format for SDA1 is NMOS output only and direct bus drive is possible. When this pin is used
as the P42 output pin, the output format is NMOS push-pull.
(7)
P41/TMO0/RxD2/TCMCKI0/TCMMCI0
The pin function is switched as shown below according to the combination of the TMR and the
P41DDR bit.
Setting
TMR
SCI
I/O Port
Module
Name
Pin Function
TMO0_OE
RE
P41DDR
TMR
TMO0 output
1
0
SCI
RxD2 input
0
1
P41 output
0
0
1
I/O port
P41 input
(initial setting)
0
0
0
Note:
To use this pin as TMO0 output, clear the RE bit in SCR of the SCI2 to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com