Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 245 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 241Page - Renesas Technology Corp H8S/2117R Datasheet HTML 242Page - Renesas Technology Corp H8S/2117R Datasheet HTML 243Page - Renesas Technology Corp H8S/2117R Datasheet HTML 244Page - Renesas Technology Corp H8S/2117R Datasheet HTML 245Page - Renesas Technology Corp H8S/2117R Datasheet HTML 246Page - Renesas Technology Corp H8S/2117R Datasheet HTML 247Page - Renesas Technology Corp H8S/2117R Datasheet HTML 248Page - Renesas Technology Corp H8S/2117R Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 1024 page
background image
Section 9 14-Bit PWM Timer (PWMX)
Rev. 1.00 Apr. 28, 2008 Page 219 of 994
REJ09B0452-0100
Section 9 14-Bit PWM Timer (PWMX)
This LSI has an on-chip 14-bit pulse-width modulator (PWM) timer with two output channels. It
can be connected to an external low-pass filter to operate as a 14-bit D/A converter.
9.1
Features
• Division of pulse into multiple base cycles to reduce ripple
• Eight resolution settings
The resolution can be set to 1, 2, 64, 128, 256, 1024, 4096, or 16384 system clock cycles.
• Two base cycle settings
The base cycle can be set equal to T
× 64 or T × 256, where T is the resolution.
• Sixteen operation clocks (by combination of eight resolution settings and two base cycle
settings)
Figure 9.1 shows a block diagram of the PWM (D/A) module.
Select clock
PCSR
Bus interface
Clock
Internal data bus
Comparator A
Comparator B
DADRA
DADRB
PWX1
Internal clock
φ
φ/2, φ/64, φ/128, φ/256,
φ/1024, φ/4096, φ/16384
PWX0
Fine–adjustment pulse addition A
Fine–adjustment pulse addition B
[Legend]
DACR:
DADRA:
DADRB:
DACNT:
PCSR:
PWMX D/A control register (6 bits)
PWMX D/A data register A (15 bits)
PWMX D/A data register B (15 bits)
PWMX D/A counter (14 bits)
Peripheral clock select register
DACNT
DACR
Control
logic
Base cycle compare match A
Base cycle compare match B
Base cycle overflow
Module data bus
Figure 9.1 PWMX (D/A) Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com