Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 247 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 243Page - Renesas Technology Corp H8S/2117R Datasheet HTML 244Page - Renesas Technology Corp H8S/2117R Datasheet HTML 245Page - Renesas Technology Corp H8S/2117R Datasheet HTML 246Page - Renesas Technology Corp H8S/2117R Datasheet HTML 247Page - Renesas Technology Corp H8S/2117R Datasheet HTML 248Page - Renesas Technology Corp H8S/2117R Datasheet HTML 249Page - Renesas Technology Corp H8S/2117R Datasheet HTML 250Page - Renesas Technology Corp H8S/2117R Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 1024 page
background image
Section 9 14-Bit PWM Timer (PWMX)
Rev. 1.00 Apr. 28, 2008 Page 221 of 994
REJ09B0452-0100
9.3.1
PWMX (D/A) Counter (DACNT)
DACNT is a 14-bit readable/writable up-counter. The input clock is selected by the clock select
bit (CKS) in DACR. DACNT functions as the time base for both PWMX (D/A) channels. When a
channel operates with 14-bit precision, it uses all DACNT bits. When a channel operates with 12-
bit precision, it uses the lower 12 bits and ignores the upper 2-bit counter. As DACNT is 16 bits,
data transfer between the CPU is performed through the temporary register (TEMP). For details,
see section 9.4, Bus Master Interface.
7
6
5
4
3
2
1
0
8
9
10
11
12
13
15
Bit (counter):
Bit (CPU):
14
DACNTH
DACNTL
13
12
11
10
9
8
7
6
5
4
3
2
1
0
REGS
• DACNTH
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
DACNT7 to
DACNT0
All 0
R/W
Upper Up-Counter
• DACNTL
Bit
Bit Name
Initial
Value
R/W
Description
7 to 2
DACNT 8 to
DACNT 13
All 0
R/W
Lower Up-Counter
1
1
R
Reserved
Always read as 1 and cannot be modified.
0
REGS
1
R/W
Register Select
DADRA and DACR, and DADRB and DACNT, are
located at the same addresses. The REGS bit specifies
which registers can be accessed.
0: DADRA and DADRB can be accessed
1: DACR and DACNT can be accessed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com