Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 246 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 242Page - Renesas Technology Corp H8S/2117R Datasheet HTML 243Page - Renesas Technology Corp H8S/2117R Datasheet HTML 244Page - Renesas Technology Corp H8S/2117R Datasheet HTML 245Page - Renesas Technology Corp H8S/2117R Datasheet HTML 246Page - Renesas Technology Corp H8S/2117R Datasheet HTML 247Page - Renesas Technology Corp H8S/2117R Datasheet HTML 248Page - Renesas Technology Corp H8S/2117R Datasheet HTML 249Page - Renesas Technology Corp H8S/2117R Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 1024 page
background image
Section 9 14-Bit PWM Timer (PWMX)
Rev. 1.00 Apr. 28, 2008 Page 220 of 994
REJ09B0452-0100
9.2
Input/Output Pins
Table 9.1 lists the PWMX (D/A) module input and output pins.
Table 9.1
Pin Configuration
Pin Name
Abbreviation
I/O
Function
PWMX output pin 0
PWX0
Output
PWMX output of channel A
PWMX output pin 1
PWX1
Output
PWMX output of channel B
9.3
Register Descriptions
The PWMX (D/A) module has the following registers. The PWMX (D/A) registers are assigned to
the same addresses with other registers. The registers are selected by the IICE bit in the serial
timer control register (STCR). For details on the module stop control register, see section 26.1.3,
Module Stop Control Registers H, L, A, and B (MSTPCRH, MSTPCRL, MSTPCRA,
MSTPCRB).
Table 9.2
Register Configuration
Register Name
Abbreviation R/W
Initial Value
Address
Data Bus
Width
PWMX (D/A) counter H
DACNTH
R/W
H'00
H'FFA6
H'FEA6
*
8
PWMX (D/A) counter L
DACNTL
R/W
H'03
H'FFA7
H'FEA7*
8
PWMX (D/A) data register AH
DADRAH
R/W
H'FF
H'FFA0
H'FEA0*
8
PWMX (D/A) data register AL
DADRAL
R/W
H'FF
H'FFA1
H'FEA1*
8
PWMX (D/A) data register BH
DADRBH
R/W
H'FF
H'FFA6
H'FEA6*
8
PWMX (D/A) data register BL
DADRBL
R/W
H'FF
H'FFA7
H'FEA7*
8
PWMX (D/A) control register
DACR
R/W
H'30
H'FFA0
H'FEA0*
8
Peripheral clock select register PCSR
R/W
H'00
H'FF82
8
Notes: The same addresses are shared by DADRA and DACR, and by DADRB and DACNT.
Switching is performed by the REGS bit in DACNT or DADRB.
*
Upper address: when RELOCATE = 0
Lower address: when RELOCATE = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com