Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 190 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 186Page - Renesas Technology Corp H8S/20103 Datasheet HTML 187Page - Renesas Technology Corp H8S/20103 Datasheet HTML 188Page - Renesas Technology Corp H8S/20103 Datasheet HTML 189Page - Renesas Technology Corp H8S/20103 Datasheet HTML 190Page - Renesas Technology Corp H8S/20103 Datasheet HTML 191Page - Renesas Technology Corp H8S/20103 Datasheet HTML 192Page - Renesas Technology Corp H8S/20103 Datasheet HTML 193Page - Renesas Technology Corp H8S/20103 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 164 of 962
REJ09B0465-0100
Item
EW0 Mode
EW1 Mode
CPU state during auto-
programming and auto-erasure
Operating state
Hold state (I/O ports retain the
states in which they have been
before the command is
executed.)
Flash memory state detection
Read the FMPRSF, FMERSF, and FMEBSF bits in FLMSTR in a
program.
Conditions of transition to erase-
suspend state
Both the FMSPEN and
FMSPREQ bits in FLMCR2 are
set to 1.
Or, both the FMSPEN and
FMISPE bits in FLMCR2 are set
to 1 and an interrupt is
requested.
The FMSPEN bit in FLMCR2 is
set to 1 and an interrupt is
requested.
Conditions of Interrupt
generation
• The flash memory returns
from the busy state to the
ready state*
1.
• The user ROM area is read
in the busy state*
1.
Use of interrupts prohibited.
Usage of DTC
Usable*
2
Usable*
2*3
Note:
1. To avoid the generation of access to the user ROM area, set VOFR so that the variable
vectors and interrupt processing routines are allocated to RAM.
2. Allocate DTC vectors and processing routines to RAM. Do not use the DTC for access
to the user ROM area during E/W processing. If this is ignored, values read will be
invalid.
3. Do not use the DTC if the reprogramming-control program is allocated to RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com