Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 191 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 187Page - Renesas Technology Corp H8S/20103 Datasheet HTML 188Page - Renesas Technology Corp H8S/20103 Datasheet HTML 189Page - Renesas Technology Corp H8S/20103 Datasheet HTML 190Page - Renesas Technology Corp H8S/20103 Datasheet HTML 191Page - Renesas Technology Corp H8S/20103 Datasheet HTML 192Page - Renesas Technology Corp H8S/20103 Datasheet HTML 193Page - Renesas Technology Corp H8S/20103 Datasheet HTML 194Page - Renesas Technology Corp H8S/20103 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 165 of 962
REJ09B0465-0100
7.3.1
EW0 Mode
EW0 mode can be selected by transferring the reprogramming-control program to the RAM,
branching to the program in the RAM, setting the FMEWMOD bit in FLMCR1 to 0, and setting
the FMCMDEN bit in FLMCR1 to 1 (to enable software commands), in this order.
Programming and erasure operations can be controlled through software commands. Completion
of the software command and related information can be read out from the FLMSTR register.
To cause a transition to erase-suspend mode during erasure, set both the FMSPEN and FMSPREQ
bits in FLMCR2 to 1 (to enable a transition to erase-suspend mode and to request a transition to
erase-suspend mode, respectively). Then wait for the transition time to erase-suspend mode
(approximately 50
µs), check that the FMRDY bit in FLMSTR is 1 (ready state), and access the
user ROM area. Setting the FMSPREQ bit to 0 resumes erasure.
When the interrupt is used, set the interrupt vector offset register (VOFR) such that access to the
user ROM area is not generated. That is, the vectors should have addresses within the RAM and
point to interrupt processing routine that are also in the RAM.
7.3.2
EW1 Mode
EW1 mode can be selected by setting the FMEWMOD bit in FLMCR1 to 1, and then setting the
FMCMDEN bit in FLMCR1 to 1 (to enable software commands).
Programming and erasure operations can be controlled through software commands. Completion
of the software command and related information can be read out from the FLMSTR register.
To cause a transition to erase-suspend mode during erasure, set the FMSPEN bit in FLMCR2 to 1
(to enable a transition to erase-suspend mode), and then execute the erasure command. Note that
the interrupt for causing a transition to erase-suspend mode must be enabled beforehand. This
allows the interrupt request to be accepted when the transition time to erase-suspend mode has
elapsed after the erasure command is executed.
When an interrupt is requested, the FMSPREQ bit is automatically set to 1 (to request a transition
to erase-suspend mode), thus suspending erasure. If erasure has not been completed at the end of
interrupt processing (FMERCF = 1 in FLMSTR), resume erasure by setting the FMSPREQ bit to
0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com