Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 252 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 248Page - Renesas Technology Corp H8S/20103 Datasheet HTML 249Page - Renesas Technology Corp H8S/20103 Datasheet HTML 250Page - Renesas Technology Corp H8S/20103 Datasheet HTML 251Page - Renesas Technology Corp H8S/20103 Datasheet HTML 252Page - Renesas Technology Corp H8S/20103 Datasheet HTML 253Page - Renesas Technology Corp H8S/20103 Datasheet HTML 254Page - Renesas Technology Corp H8S/20103 Datasheet HTML 255Page - Renesas Technology Corp H8S/20103 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 226 of 962
REJ09B0465-0100
7.7.3
PROM Programmer Protection/Boot Mode Protection
PROM programmer protection/boot mode protection is enabled by writing the specified data to the
user ROM area shown in the table 7.12.
The protection function can be disabled by using a PROM programmer or on-board programmer
to delete the entire user ROM area.
Table 7.13 shows the specifications for PROM programmer protection and table 7.14 shows the
specifications of protection in boot mode.
Table 7.12
Address Range of the Protection Code in User ROM
H'000004
H'000005
H'000006
H'000007
H'000010
H'000011
H'000012
H'000013
PROM
programmer
Not used
Boot mode
Control
code
Authentication ID code (56 bits)
Table 7.13
Specifications for PROM Programmer Protection
Control code*
Protection State
Operation to be Carried Out
H'FF
PROM programmer protection
is disabled.
Possible operations; reading/programming/
erasing by PROM programmer.
Other than above PROM programmer protection
is enabled.
Possible operations; programming/erasing by
PROM programmer.
However, reading is not possible.
Note:
*
Used together with control code for boot mode protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com