Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 256 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 252Page - Renesas Technology Corp H8S/20103 Datasheet HTML 253Page - Renesas Technology Corp H8S/20103 Datasheet HTML 254Page - Renesas Technology Corp H8S/20103 Datasheet HTML 255Page - Renesas Technology Corp H8S/20103 Datasheet HTML 256Page - Renesas Technology Corp H8S/20103 Datasheet HTML 257Page - Renesas Technology Corp H8S/20103 Datasheet HTML 258Page - Renesas Technology Corp H8S/20103 Datasheet HTML 259Page - Renesas Technology Corp H8S/20103 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 230 of 962
REJ09B0465-0100
The example below is of code for use when the FMCMDEN and FMLBD bits in FLMCR1 are to
be changed from 0 to 1.
MOV.B
@FLMCR1,R0L
:FLMCR1=H'04
R0L=H'04
R0H=H'xx
MOV.B
@FLMCR1,R0H
:FLMCR1=H'04
R0L=H'04
R0H=H'04
BSET
#0,R0H
:FLMCR1=H'04
R0L=H'04
R0H=H'05
BSET
#3,R0H
:FLMCR1=H'04
R0L=H'04
R0H=H'0D
MOV.B
R0L,@FLMCR1
:FLMCR1=H'04
R0L=H'04
R0H=H'0D
MOV.B
R0H,@FLMCR1
:FLMCR1=H'0D
R0L=H'04
R0H=H'0D
(4) Reprogramming User ROM Area
When it is necessary to reprogram the block containing the reprogramming-control program, use
boot mode. This is because if the power supply voltage drops in EW0 mode while the block
containing the reprogramming-control program is being reprogrammed, the reprogramming-
control program cannot be correctly reprogrammed, and this might disable further reprogramming
of the flash memory. Only proceed with overwriting of the programming-control program after
securing ample stabilization time for the power supply.
(5) Program
Do not program the already-programmed addresses.
(6) LSI Mode Transition
During software command execution, do not cause a transition to standby mode or sleep mode.
(7) Reset during Execution of Software Command in Flash Memory
Do not apply a pin reset, LVD reset, or watchdog timer reset during execution of the
programming, lock-bit programming, blank-checking, and erasure commands. If applied, the
currently executed command is forcibly terminated. In this case, execute the erasure command of
the specified block again and confirm that erasure is completed successfully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com