Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 253 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 249Page - Renesas Technology Corp H8S/20103 Datasheet HTML 250Page - Renesas Technology Corp H8S/20103 Datasheet HTML 251Page - Renesas Technology Corp H8S/20103 Datasheet HTML 252Page - Renesas Technology Corp H8S/20103 Datasheet HTML 253Page - Renesas Technology Corp H8S/20103 Datasheet HTML 254Page - Renesas Technology Corp H8S/20103 Datasheet HTML 255Page - Renesas Technology Corp H8S/20103 Datasheet HTML 256Page - Renesas Technology Corp H8S/20103 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 227 of 962
REJ09B0465-0100
Table 7.14
Specifications for Boot Mode Protection
Control code* Protection State
Operation in Serial Connection
Other than
above
Protection is disabled.
Entire blocks are deleted.
H'45
ID authentication protection 1*
2
Possible for reading/programming/erasing if
the ID was authenticated.
If the ID was not authenticated, entire blocks
are deleted.
ID authentication protection 2
Possible for reading/programming/erasing if
the ID was authenticated.
If the ID was not authenticated, authentication
is performed again.
H'52
ID authentication protection 2
+*3 If control code is H'52 and the special code
(H'50, H'72, H'6F, H'74, H'65, H'63 and H'74)
is written to the authentication ID bytes,
processing for serial connections will not be
accepted.
Note:
1. Used together with the control code for the PROM programmer.
2. Re-authentication can be performed up to 3 times in case of error in the ID code.
3. Once this setting has been made, serial connections are not accepted unless a PROM
programmer is used to delete the setting.
7.8
Programmer Mode
In programmer mode, flash memory areas can be programmed/erased using a PROM programmer
via a socket adapter, just as a discrete flash memory can be. Use the PROM programmer that
supports the Renesas Technology microcomputer device type with the on-chip 128-kbyte flash
memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com