Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 254 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 250Page - Renesas Technology Corp H8S/20103 Datasheet HTML 251Page - Renesas Technology Corp H8S/20103 Datasheet HTML 252Page - Renesas Technology Corp H8S/20103 Datasheet HTML 253Page - Renesas Technology Corp H8S/20103 Datasheet HTML 254Page - Renesas Technology Corp H8S/20103 Datasheet HTML 255Page - Renesas Technology Corp H8S/20103 Datasheet HTML 256Page - Renesas Technology Corp H8S/20103 Datasheet HTML 257Page - Renesas Technology Corp H8S/20103 Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 228 of 962
REJ09B0465-0100
7.9
Usage Notes
(1) Prohibited Instruction
In EW0 mode, the following instruction cannot be used because it refers to the data in the flash
memory area.
• TRAP
(2) Interrupts
Table 7.15 shows interrupt handling in CPU reprogramming mode.
Table 7.15
Interrupt Handling in CPU Reprogramming Mode
Mode State
When Interrupt Request is
Received
When Watchdog Timer Reset,
LVD Reset, Software Reset, or
Pin Reset, Interrupt Request is
Generated
EW0
During erasure command
During programming
command
During lock-bit
programming command
During blank checking
command
Interrupts can be handled if
interrupt vectors are located
in the RAM. For details, see
section 4.2.7, Interrupt
vector offset register
(VOFR).
Immediately after a reset is
generated, a software command
is forcibly terminated, and flash
memory and LSI are reset.
Because of the forced
termination, it might be
impossible to read correct values
from the block or address for
which the software command
has been executed; execute
erasure again after restarting and
confirm that erasure is completed
successfully.
The watchdog timer does not
stop even during command
execution; initialize the timer
periodically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com