Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 329 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 329 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 325Page - Renesas Technology Corp H8S/2112 Datasheet HTML 326Page - Renesas Technology Corp H8S/2112 Datasheet HTML 327Page - Renesas Technology Corp H8S/2112 Datasheet HTML 328Page - Renesas Technology Corp H8S/2112 Datasheet HTML 329Page - Renesas Technology Corp H8S/2112 Datasheet HTML 330Page - Renesas Technology Corp H8S/2112 Datasheet HTML 331Page - Renesas Technology Corp H8S/2112 Datasheet HTML 332Page - Renesas Technology Corp H8S/2112 Datasheet HTML 333Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 894 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 Mar. 18, 2008 Page 305 of 866
REJ09B0451-0100
(3)
CMF Set Timing when a Compare Match occurs
The CMF flag in TCMCSR is set in the last state where the values in TCMCNT and TCMMLCM
match in timer mode. Therefore, a compare match signal is not generated until a further cycle of
the TCMCNT input clock is generated after a match between the values in TCMCNT and
TCMMLCM. For details, see section 11.6.2, Conflict between TCMMLCM Write and Compare
Match. Figure 11.6 shows the timing with which the CMF flag is set.
φ
TCMCNT
TCMMLC
CMF
N + 1
N
N
Compare match
signal
Figure 11.6 Timing of CMF Flag Setting on a Compare Match
11.4.2
Cycle Measurement Mode
When the TCMMDS bit in TCMCR is set to 1, the TCM operates in cycle measurement mode.
(1)
Counter Operation
Setting the TCMMDS bit in TCMCR to 1 selects cycle measurement mode, in which counting up
proceeds regardless of the setting of the CST bit in TCMCR. TCMCNT is cleared to H'0000 on
detection of the first edge in the measurement period and counts up from there. Figure 11.7 shows
an example of counter operation in cycle measurement mode.
φ
TCMCYI
TCMCNT
clear signal
TCMCNT
input clock
H'0001
H'0000
H'0001
H'0002
H'0000
H'0003
N
TCMCNT
Figure 11.7 Example of Counter Operation in Cycle Measurement Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com