Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 331 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 327Page - Renesas Technology Corp H8S/2112 Datasheet HTML 328Page - Renesas Technology Corp H8S/2112 Datasheet HTML 329Page - Renesas Technology Corp H8S/2112 Datasheet HTML 330Page - Renesas Technology Corp H8S/2112 Datasheet HTML 331Page - Renesas Technology Corp H8S/2112 Datasheet HTML 332Page - Renesas Technology Corp H8S/2112 Datasheet HTML 333Page - Renesas Technology Corp H8S/2112 Datasheet HTML 334Page - Renesas Technology Corp H8S/2112 Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 894 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 Mar. 18, 2008 Page 307 of 866
REJ09B0451-0100
When the CMMS bit in TCMIER is set to 1, cycle measurement is performed only while the
TCMMCI signal is high (MCICTL in TCMCSR is 1). Figure 11.9 shows an example of timing in
cycle measurement when the CMMS bit is set to 1.
φ
TCMCYI
TCMMCI
TCMCNT
H'0006
M
012345670123456789 A B 0123 4
M
H'0007
H'000B
L
5
TCMICR
Figure 11.9 Example of Timing in Cycle Measurement when the CMMS Bit is Set to 1
(3)
Determination of External Event (TCMCYI) Stoppage
The timer overflow flag can be used to determine the external event (TCMCYI) stopped state.
Either of two sets of conditions represents the external event stopped state.
The external event can be considered to have stopped when a timer overflow is generated within
the period from the start of cycle measurement mode to detection of the first edge (rising or falling
as selected with the IEDG bit in TCMCR).
Figure 11.10 shows an example of the timing of the external event stopped state (1).
φ
TCMCYI
Start of measurement
TCMMDS
MAXOVF/
MINUDF
TCMCNT
H'0000
H'FFFF
H'0000
N
H'0000
H'0001
H'0002
OVF
Determined as external event stopped state
Figure 11.10 Example of Timing in External Event Stopped State (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com