| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2112 Datasheet(PDF) 330 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2112 Datasheet(HTML) 330 Page - Renesas Technology Corp |
|
330 / 894 page ![]() Section 11 16-Bit Cycle Measurement Timer (TCM) Rev. 1.00 Mar. 18, 2008 Page 306 of 866 REJ09B0451-0100 (2) Measuring a Cycle In cycle measurement mode, one cycle of the input waveform for TCM form one measurement cycle. Start by setting TCMMDS = 0 and then set CST = 0, which clears TCMCNT to H'0000. After that, set an upper or lower limit on the measurement cycle in the TCMMLCM/TCMMINCM register. Finally, place the timer in cycle measurement mode by setting the TCMMDS bit in TCMCR to 1. TCMCNT will count cycles of the selected clock. On detection of the first edge (either rising or falling as selected with the IEDG bit in TCMCR) of the measurement cycle, TCMCNT is automatically cleared to H'0000. On detection of the second edge, the value in TCMCNT is transferred to TCMICR. At this time, the value in TCMICR is compared with the value in TCMMLCM/TCMMINCM. If TCMICR is larger than TCMMLCM, the MAXOVF bit in TCMCSR is set to 1. If TCMICR is smaller than TCMMINCM, the MINUDF bit in TCMCSR is set to 1. If generation of the corresponding interrupt request is enabled by the setting in TCMIER, the request is generated. In addition, on detection of the third edge, TCMCNT is cleared to H'0000, and the next round of measurement starts. When the CPSPE bit in TCMCR has been cleared to 0, the next round of cycle measurement will start, even if the MAXOVF/MINUDF flag is set to 1. If the MAXOVF/MINUDF flag is set to 1 while the CPSPE bit in TCMCR is set to 1, counting up by TCMCNT stops and so does cycle measurement. Subsequently clearing MAXOVF/MINUDF to 0 automatically clears TCMCNT to H'0000, and counting up for cycle measurement is then restarted. Figure 11.8 shows an example of timing in speed measurement. H'0001 H'0000 H'0001 N - 1 H'0000 N M TCMCNT clear signal TCMCNT input clock TCMCNT N M L M L K φ TCMCYI TCMICR MAXOVF/ MINUDF TCMICRF Figure 11.8 Example of Timing in Cycle Measurement |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |