Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 471 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 471 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 467Page - Renesas Technology Corp H8S/2112 Datasheet HTML 468Page - Renesas Technology Corp H8S/2112 Datasheet HTML 469Page - Renesas Technology Corp H8S/2112 Datasheet HTML 470Page - Renesas Technology Corp H8S/2112 Datasheet HTML 471Page - Renesas Technology Corp H8S/2112 Datasheet HTML 472Page - Renesas Technology Corp H8S/2112 Datasheet HTML 473Page - Renesas Technology Corp H8S/2112 Datasheet HTML 474Page - Renesas Technology Corp H8S/2112 Datasheet HTML 475Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 471 / 894 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Mar. 18, 2008 Page 447 of 866
REJ09B0451-0100
Bit
Bit Name
Initial Value
R/W
Description
1
DDSR
0
R
Delta Data Set Ready Indicator
Indicates a change in the
DSR input signal after the
DDSR bit is read.
0: No change in the
DSR input signal after FMSR
read
[Clearing condition]
FMSR read
1: A change in the
DSR input signal after FMSR
read
[Setting condition]
A change in the
DSR input signal
0
DCTS
0
R
Delta Clear to Send Indicator
Indicates a change in the
CTS input signal after the
DCTS bit is read.
0: No change in the
CTS input signal after FMSR
read
[Clearing condition]
FMSR read
1: A change in the
CTS input signal after FMSR
read
[Setting condition]
A change in the
CTS input signal
15.3.13
Scratch Pad Register (FSCR)
FSCR is not used for SCIF control, but is used to temporarily store program data.
Bit
Bit Name
Initial Value
R/W
Description
7 to 0
Bit 7 to bit 0
All 0
R/W
Temporarily stores program data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com