Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 474 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 474 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 470Page - Renesas Technology Corp H8S/2112 Datasheet HTML 471Page - Renesas Technology Corp H8S/2112 Datasheet HTML 472Page - Renesas Technology Corp H8S/2112 Datasheet HTML 473Page - Renesas Technology Corp H8S/2112 Datasheet HTML 474Page - Renesas Technology Corp H8S/2112 Datasheet HTML 475Page - Renesas Technology Corp H8S/2112 Datasheet HTML 476Page - Renesas Technology Corp H8S/2112 Datasheet HTML 477Page - Renesas Technology Corp H8S/2112 Datasheet HTML 478Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 894 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Mar. 18, 2008 Page 450 of 866
REJ09B0451-0100
15.4
Operation
15.4.1
Baud Rate
The SCIF includes a baud rate generator and can set the desired baud rate using registers FDLH,
FDLL, and the CKSEL bit in SCIFCR. Table 15.6 shows an example of baud rate settings.
Table 15.6
Example of Baud Rate Settings
00
01
01
01
CKSEL1,
CKSEL0
LCLK(33 MHz)
divided by 18
System Clock
(25 MHz)
divided by 11
System Clock
(20 MHz)
divided by 11
System Clock
(10 MHz)
divided by 11
Baud
rate
FDLH,
FDLL
(Hex)
Error (%)
FDLH,
FDLL
(Hex)
Error (%)
FDLH,
FDLL
(Hex)
Error (%)
FDLH,
FDLL
(Hex)
Error (%)
50
08F4
0.01 %
0B19
0.00 %
08E1
0.01 %
0470
0.03 %
75
05F8
0.01 %
0766
0.00 %
05EB
0.01 %
02F6
0.06 %
110
0412
0.03 %
050B
0.02 %
0409
0.01 %
0205
0.09 %
300
017E
0.01 %
01D9
0.10 %
017B
0.06 %
00BD
0.21 %
600
00BF
0.01 %
00ED
0.11 %
00BD
0.21 %
005F
0.32 %
1200
005F
0.51 %
0076
0.31 %
005F
0.32 %
002F
0.74 %
1800
0040
0.54 %
004F
0.11 %
003F
0.21 %
0020
1.36 %
2400
0030
0.54 %
003B
0.31 %
002F
0.74 %
0018
1.36 %
4800
0018
0.54 %
001E
1.36 %
0018
1.36 %
000C
1.36 %
9600
000C
0.54 %
000F
1.36 %
000C
1.36 %
0006
1.36 %
14400
0008
0.54 %
000A
1.36 %
0008
1.36 %
0004
1.36 %
19200
0006
0.54 %
0006
1.36 %
0003
1.36 %
38400
0003
0.54 %
0003
1.36 %
57600
0002
0.54 %
0002
1.36 %
0001
1.36 %
115200
0001
0.54 %
0001
1.36 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com