Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 475 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 475 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 471Page - Renesas Technology Corp H8S/2112 Datasheet HTML 472Page - Renesas Technology Corp H8S/2112 Datasheet HTML 473Page - Renesas Technology Corp H8S/2112 Datasheet HTML 474Page - Renesas Technology Corp H8S/2112 Datasheet HTML 475Page - Renesas Technology Corp H8S/2112 Datasheet HTML 476Page - Renesas Technology Corp H8S/2112 Datasheet HTML 477Page - Renesas Technology Corp H8S/2112 Datasheet HTML 478Page - Renesas Technology Corp H8S/2112 Datasheet HTML 479Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 475 / 894 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Mar. 18, 2008 Page 451 of 866
REJ09B0451-0100
15.4.2
Operation in Asynchronous Communication
Figure 15.2 illustrates the typical format for asynchronous serial communication. One frame
consists of a start bit (low level), followed by transmit/receive data (LSB-first: from the least
significant bit), a parity bit, and a stop bit (high level). In asynchronous serial communication, the
transmission line is usually held high in the mark state (high level). The SCIF monitors the
transmission line, and when it detects the space state (low level), recognizes a start bit and starts
serial communication. Inside the SCIF, the transmitter and receiver are independent units,
enabling full-duplex communication. Both of the transmitter and receiver also have a 16-stage
FIFO buffered structure so that data can be read or written during transmission or reception,
enabling continuous data transmission and reception.
Serial data
1
1
0
D0
D1
D2
D3
D4
D5
D6
D7
0/1
11
Idle state (mark state)
Transmit/receive data
Stop bit
1, 1.5,
or
2 bits
1 bit
1 bit
or
none
5, 6, 7, or 8 bits
Start
bit
Parity
bit
One unit of transfer data (character or frame)
Figure 15.2 Data Format in Serial Transmission/Reception
(Example with 8-Bit Data, Parity and 2 Stop Bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com