Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 483 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 483 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 479Page - Renesas Technology Corp H8S/2112 Datasheet HTML 480Page - Renesas Technology Corp H8S/2112 Datasheet HTML 481Page - Renesas Technology Corp H8S/2112 Datasheet HTML 482Page - Renesas Technology Corp H8S/2112 Datasheet HTML 483Page - Renesas Technology Corp H8S/2112 Datasheet HTML 484Page - Renesas Technology Corp H8S/2112 Datasheet HTML 485Page - Renesas Technology Corp H8S/2112 Datasheet HTML 486Page - Renesas Technology Corp H8S/2112 Datasheet HTML 487Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 483 / 894 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Mar. 18, 2008 Page 459 of 866
REJ09B0451-0100
(5)
Data Reception
Figure 15.10 shows an example of the data reception flowchart.
Read FLSR
Receive data ready interrupt
Read receive FIFO
Read FLSR
Error processing
(Transmission/reception standby flow)
BI = 1, FE = 1,
PE = 1, or OE = 1
DR = 0
No
Yes
[1]
[2]
[3]
[4]
[1] When data is received, a receive data ready
interrupt occurs. Go to the data reception flow
by using this interrupt trigger.
[2] Confirm that the BI, FE, PE, and OE flags in
FLSR are all cleared. If any one of these flags
is set to 1, perform error processing.
[3] Read the receive FIFO.
[4] Check the DR flag in FLSR. When the DR flag
is cleared and all of the data has been read, data
reception is complete.
Figure 15.10 Example of Data Reception Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com