Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 481 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 481 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 477Page - Renesas Technology Corp H8S/2112 Datasheet HTML 478Page - Renesas Technology Corp H8S/2112 Datasheet HTML 479Page - Renesas Technology Corp H8S/2112 Datasheet HTML 480Page - Renesas Technology Corp H8S/2112 Datasheet HTML 481Page - Renesas Technology Corp H8S/2112 Datasheet HTML 482Page - Renesas Technology Corp H8S/2112 Datasheet HTML 483Page - Renesas Technology Corp H8S/2112 Datasheet HTML 484Page - Renesas Technology Corp H8S/2112 Datasheet HTML 485Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 481 / 894 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Mar. 18, 2008 Page 457 of 866
REJ09B0451-0100
(3)
Data Transmission
Figure 15.8 shows an example of the data transmission flowchart.
Read CTS flag in FMSR
Read THRE flag in FLSR
i
← 0
i
← i + 1
Write transmit data to transmit FIFO
CTS = 1
THRE = 1
Yes
No
No
No
No
Yes
Yes
(End of transmission or transmission standby)
Yes
Transmission/reception standby
[1]
[2]
[3]
[4]
[1] Confirm that the CTS flag in FMSR is 1.
[2] Confirm that the THRE flag in FLSR is 1 to
ensure that the transmit FIFO is empty.
[3] Write up to 16 bytes of transmit data in the
transmit FIFO. If the transmit data is 17 bytes
or more, return to step [2] to write transmit
data in the transmit FIFO again.
[4] When all of the data has been written, go
to the transmission/reception standby flow.
i < 16?
All data written
Figure 15.8 Example of Data Transmission Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com